Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA309 Datasheet(PDF) 4 Page - Texas Instruments

Part # PGA309
Description  Voltage Output Programmable Sensor Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA309 Datasheet(HTML) 4 Page - Texas Instruments

  PGA309_14 Datasheet HTML 1Page - Texas Instruments PGA309_14 Datasheet HTML 2Page - Texas Instruments PGA309_14 Datasheet HTML 3Page - Texas Instruments PGA309_14 Datasheet HTML 4Page - Texas Instruments PGA309_14 Datasheet HTML 5Page - Texas Instruments PGA309_14 Datasheet HTML 6Page - Texas Instruments PGA309_14 Datasheet HTML 7Page - Texas Instruments PGA309_14 Datasheet HTML 8Page - Texas Instruments PGA309_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PGA309
SBOS292C – DECEMBER 2003 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VSA= VSD = +5V (VSA = VSUPPLY ANALOG, VSD = VSUPPLY DIGITAL; VSA must equal VSD), GNDD = GNDA = 0, and VREF
= REFIN/REFOUT = +5V, unless otherwise noted.
PGA309
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Fine Gain Adjust (Gain DAC)
Range
0.33 to 1
V/V
Resolution
65,536 steps, 16-bit DAC
10
mV/V
Integral Nonlinearity
20
LSB
Differential Nonlinearity
0.5
LSB
Output Amplifier
Offset Voltage (RTI of Output Amplifier)
(4)
3
mV
vs Temperature
5
mV/°C
vs Supply Voltage, VSA
30
mV/V
Common-Mode Input Range
0
VS – 1.5
V
Input Bias Current
100
pA
Amplifier Internal Gain
Gain Range Steps
2, 2.4, 3, 3.6, 4.5, 6, 9
2 to 9
V/V
Initial Gain Error
2, 2.4, 3.6
0.25
±1
%
4.5
0.3
±1.2
%
6
0.4
±1.5
%
9
0.6
±2.0
%
vs Temperature
2, 2.4, 3.6
5
ppm/°C
4.5
5
ppm/°C
6
15
ppm/°C
9
30
ppm/°C
Output Voltage Range
(5)
RL = 10kΩ
0.1
4.9
V
Open-Loop Gain
115
dB
Gain-Bandwidth Product
2
MHz
Phase Margin
Gain = 2, CL = 200pF
45
deg
Output Resistance
AC Small-signal, open-loop, f = 1MHz, IO = 0
675
Over- and Under-Scale Limits
VREF = 4.096
Over-Scale Thresholds
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘000’
0.9708
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘001’
0.9610
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘010’
0.9394
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘011’
0.9160
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘100’
0.9102
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘101’
0.7324
Ratio of VREF, Register 5—bits D5, D4, D3 = ‘110’
0.5528
Over-Scale Comparator Offset
+6
+60
+114
mV
Over-Scale Comparator Offset Drift
+0.37
mV/°C
Under-Scale Thresholds
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘111’
0.0605
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘110’
0.0547
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘101’
0.0507
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘100’
0.0449
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘011’
0.0391
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘010
0.0352
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘001’
0.0293
Ratio of VREF, Register 5—bits D2, D1, D0 = ‘000’
0.0254
Unde-rScale Comparator Offset
−7
−50
+93
mV
Under-Scale Comparator Offset Drift
−0.15
mV/°C
(4)
RTI = Referred-to-input. RTO = referred to output.
(5)
Unless limited by the over/under-scale setting.
4
Submit Documentation Feedback
Copyright © 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): PGA309


Similar Part No. - PGA309_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
More results

Similar Description - PGA309_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
PGA309 TI-PGA309_11 Datasheet
812Kb / 24P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309_05 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com