Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NATK161M35V8X10.8NBYF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NATK161M35V8X10.8NBYF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATK161M35V8X10.8NBYF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NATK161M35V8X10.8NBYF Datasheet HTML 1Page - NIC-Components Corp. NATK161M35V8X10.8NBYF Datasheet HTML 2Page - NIC-Components Corp. NATK161M35V8X10.8NBYF Datasheet HTML 3Page - NIC-Components Corp. NATK161M35V8X10.8NBYF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
Diameter
Time above
200°C
Time above
217°C
Time above
230°C
Peak Temperature
5 seconds
6.3mm & 8mm
φ
80 sec. max.
70 sec. max.
40 sec. max.
260°C
10mm
φ
70 sec. max.
60 sec. max.
40 sec. max.
250°C
12.5mm
φ
60 sec. max.
50 sec. max.
30 sec. max.
245°C
16mm & 18mm
φ
50 sec. max.
40 sec. max.
20 sec. max.
240°C
PEAK REFLOW TEMPERATURES AND DURATION
Case Size
a
b
c
6.3x8
1.8
3.6
1.8
8x10.8
2.8
4.1
2.1
10x10.8
4.3
4.4
2.5
12.5x14
4.3
5.8
2.5
16x17
6.6
6.5
5.0
18x17, 22
6.6
7.7
5.0
a
c
b
STANDARD TERMINATIONS - LAND PATTERN DIMENSIONS (mm)
C
W
P
A
R
R
T
B
Case Size
D
φ ±0.5 L max.
A, B
C ±0.2 P ±0.2
W
R
T
8 x 10.8WT
8.0
10.5
8.3 ± 0.2
9.0
3.2
0.7 ~ 1.0 (0.7) (1.3)
10 x 10.8WT
10.0
10.8
10.3 ± 0.2
11.0
4.6
1.0 ~ 1.4 (0.7) (1.3)
12.5 x 14WT
12.5
14.0
13.5 ± 0.2
14.2
4.6
1.0 ~ 1.4 (2.2) (2.4)
16 x 17WT
16.0
17.0
17.0 ± 0.2
18.0
7.0
1.8 ~ 2.1 (3.0) (2.0)
WIDE TERMINATION (WT) DIM. (mm)
Case Size
a
b
c
8x10.8
2.5
4.5
4.7
10x10.8
3.8
4.8
4.7
12.5x14
3.8
6.1
6.9
16x17
5.0
8.0
9.5
WT LAND PATTERN DIM. (mm)
a
c
b
Termination deflection:
WT = 0.15mm max. from
bottom of support terminals
D
φ
L
WT
Anti-Vibration
Skirt
Surface Mount Aluminum Electrolytic Capacitors NATK Series
Capacitors can withstand two reflow passes under the
specified conditions. Capacitors must be allowed to cool
to room temperature before the second reflow pass.
Time Above
200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Time Above
217°C
(see table)


Similar Part No. - NATK161M35V8X10.8NBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATK161M35V8X108NBYF NIC-NATK161M35V8X108NBYF Datasheet
163Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATK161M35V8X10.8NBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com