Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAZV221M16V6.3X8.7LBF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NAZV221M16V6.3X8.7LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZV221M16V6.3X8.7LBF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NAZV221M16V6.3X8.7LBF Datasheet HTML 1Page - NIC-Components Corp. NAZV221M16V6.3X8.7LBF Datasheet HTML 2Page - NIC-Components Corp. NAZV221M16V6.3X8.7LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors
NAZV Series
NIC Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipaton Factor
(Tan
δ)
Max. Ripple Current (mA)
+105°C/100KHz
Max. Z (
Ω)
+20°C/100KHz
Load Life Hours
@ +105°C
NAZV470M6.3V5X7.3LBF
47
6.3
0.32
95
2.2
7,000
NAZV101M6.3V6.3X7.3LBF
100
0.32
140
1.1
7,000
NAZV221M6.3V6.3X8.7LBF
220
0.32
230
1.0
7,000
NAZV331M6.3V6.3X8.7LBF
330
0.32
230
1.0
7,000
NAZV471M6.3V8X10.5LBF
470
0.32
600
0.22
10,000
NAZV102M6.3V10X10.5LBF
1000
0.32
850
0.16
10,000
NAZV330M10V5X7.3LBF
33
10
0.28
95
2.2
7,000
NAZV151M10V6.3X7.3LBF
150
0.28
140
1.1
7,000
NAZV220M16V5X7.3LBF
22
16
0.26
95
2.2
7,000
NAZV470M16V6.3X7.3LBF
47
0.26
140
1.1
7,000
NAZV101M16V6.3X7.3LBF
100
0.26
140
1.1
7,000
NAZV151M16V6.3X8.7LBF
150
0.26
230
1.0
7,000
NAZV221M16V6.3X8.7LBF
220
0.26
230
1.0
7,000
NAZV331M16V8X10.5LBF
330
0.26
600
0.22
10,000
NAZV471M16V10X10.5LBF
470
0.26
850
0.16
10,000
NAZV220M25V5X7.3LBF
22
25
0.16
95
2.2
7,000
NAZV330M25V6.3X7.3LBF
33
0.16
140
1.1
7,000
NAZV470M25V6.3X7.3LBF
47
0.16
140
1.1
7,000
NAZV101M25V6.3X8.7LBF
100
0.16
230
1.0
7,000
NAZV151M25V8X10.5LBF
150
0.16
600
0.22
10,000
NAZV221M25V8X10.5LBF
220
0.16
600
0.22
10,000
NAZV331M25V10X10.5LBF
330
0.16
850
0.16
10,000
NAZV100M35V5X7.3LBF
10
35
0.14
95
2.2
7,000
NAZV220M35V5X7.3LBF
22
0.14
95
2.2
7,000
NAZV330M35V6.3X8.7LBF
33
0.14
230
1.0
7,000
NAZV470M35V6.3X8.7LBF
47
0.14
230
1.0
7,000
NAZV101M35V8X10.5LBF
100
0.14
600
0.22
10,000
NAZV221M35V10X10.5LBF
220
0.14
850
0.16
10,000
NAVZ220M50V6.3X8.7LBF
22
50
0.14
100
1.80
7.000
NAVZ330M50V8X10.5LBF
33
0.14
350
0.53
10,000
NAZV470M50V8X10.5LBF
47
0.14
350
0.53
10,000
NAZV101M50V10X10.5LBF
100
0.14
850
0.35
10,000
Review & Compare Reflow Soldering Heat Limits
V-chip SMT Aluminum Electrolytic Capacitors
www.niccomp.com/RSL
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Cap. (
μF)
Frequency
120Hz
1KHz
10KHz
100KHz
10 ~ 22
0.50
0.80
0.90
1.00
33 ~ 150
0.65
0.85
0.92
1.00
220 ~ 1000
0.70
0.85
0.95
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Diameter
Time above
200°C
Time above
230°C
Peak Temperature
5 seconds
5 ~ 6.3mm
φ
70 sec. max.
40 sec. max.
250°C
8 ~ 10mm
φ
60 sec. max.
20 sec. max.
250°C
PEAK REFLOW TEMPERATURE AND DURATION
Time Above 200°C
(see table)
50
100
150
200
Time (Seconds)
Preheat - 120 seconds max.
(150°C ~ 180°C)
Peak Temperature
(see table)
230
Time Above 230°C
(see table)
Case Size
a
b
c
5x7.3
1.4
3.0
1.8
6.3x7.3
6.3x8.7
1.8
3.6
1.8
8x10.5
2.8
4.1
2.1
10x10.5
4.3
4.4
2.5
a
c
b
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Capacitors can withstand two times reflow at the above conditions.
Second reflow shall be at least one hour after natural cool to room
temperature.


Similar Part No. - NAZV221M16V6.3X8.7LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZV221M16V63X87LBF NIC-NAZV221M16V63X87LBF Datasheet
102Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZV221M16V6.3X8.7LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com