Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCB-H0603PE600TR140QYF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NCB-H0603PE600TR140QYF
Description  Ferrite Chip Beads For Automotive Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB-H0603PE600TR140QYF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NCB-H0603PE600TR140QYF Datasheet HTML 1Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 2Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 3Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 4Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 5Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 6Page - NIC-Components Corp. NCB-H0603PE600TR140QYF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads For Automotive Use
NCB-H_QY Series
NCB-H1806PU600TR600QYF
NCB-H1806PU720TR600QYF
NCB-H1806PU181TR300QYF
NCB-H1806PU471TR200QYF
Max. Ramp Up Rate = 3°C/sec
.
Max. Ramp Down Rate = 6°C/sec
.
260°C
217°C
200°C
150°C
25°C
Time 25°C to Peak = 8 min max.
60 ~ 120 sec.
60 ~ 90 sec.
Peak 260°C max.
REFLOW SOLDERING PROFILE


Similar Part No. - NCB-H0603PE600TR140QYF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB-H0603R100TR ETC1-NCB-H0603R100TR Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
NIC-Components Corp.
NCB-H0603R100TR400F NIC-NCB-H0603R100TR400F Datasheet
89Kb / 3P
   High Current Ferrite Chip Beads NCB-H
NCB-H0603R100TR400F NIC-NCB-H0603R100TR400F Datasheet
92Kb / 4P
   High Current Ferrite Chip Beads
logo
List of Unclassifed Man...
NCB-H0603R101TR ETC1-NCB-H0603R101TR Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
NIC-Components Corp.
NCB-H0603R101TR200F NIC-NCB-H0603R101TR200F Datasheet
89Kb / 3P
   High Current Ferrite Chip Beads NCB-H
More results

Similar Description - NCB-H0603PE600TR140QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCBY NIC-NCBY Datasheet
1Mb / 15P
   Ferrite Chip Beads For Automotive Use
logo
Murata Manufacturing Co...
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com