Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCB0603GD121TR030QYF Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NCB0603GD121TR030QYF
Description  Ferrite Chip Beads For Automotive Use
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB0603GD121TR030QYF Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NCB0603GD121TR030QYF Datasheet HTML 6Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 7Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 8Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 9Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 10Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 11Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 12Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 13Page - NIC-Components Corp. NCB0603GD121TR030QYF Datasheet HTML 14Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads For Automotive Use
NCB_QY Series
STANDARD VALUES AND CASE SIZES (mm)
EIA
Size
NIC
Part Number
Impedance
at 100MHz
Ω
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
A
(mm)
B
(mm)
C
(mm)
D
(mm)
0603
NCB0603SQYF050TR050QYF
0 ~ 10
0.20
500
1.60 ± 0.15
0.80 ± 0.15
0.80 ± 0.15
0.30 ± 0.20
NCB0603SQYF100TR050QYF
5 ~ 15
0.25
500
NCB0603SQYF220TR050QYF
22 ± 25%
0.35
500
NCB0603SQYF470TR030QYF
47 ± 25%
0.55
300
NCB0603SQYF750TR030QYF
75 ± 25%
0.70
300
NCB0603SQYF121TR020QYF
120 ± 25%
0.90
200
NCB0603SG050TR080QYF
0 ~ 15
0.10
800
NCB0603SG220TR080QYF
22 ± 25%
0.20
800
NCB0603SG600TR060QYF
60 ± 25%
0.30
600
NCB0603SG121TR060QYF
120 ± 25%
0.45
600
NCB0603SG221TR050QYF
220 ± 25%
0.55
500
NCB0603SG331TR050QYF
330 ± 25%
0.70
500
NCB0603SG471TR040QYF
470 ± 25%
0.80
400
NCB0603SG601TR020QYF
600 ± 25%
1.10
200
NCB0603SG102TR015QYF
1000 ± 25%
1.20
150
NCB0603SK221TR050QYF
220 ± 25%
0.45
500
NCB0603SK331TR050QYF
330 ± 25%
0.50
500
NCB0603SK421TR040QYF
420 ± 25%
0.55
400
NCB0603SK471TR040QYF
470 ± 25%
0.55
400
NCB0603SK601TR020QYF
600 ± 25%
0.60
200
NCB0603SK102TR020QYF
1000 ± 25%
0.80
200
NCB0603SK152TR020QYF
1500 ± 25%
0.80
200
NCB0603SK202TR020QYF
2000 ± 25%
1.00
200
NCB0603SK222TR020QYF
2200 ± 25%
1.00
200
NCB0603SK252TR020QYF
2500 ± 25%
1.20
200
NCB0603SK272TR020QYF
2700 ± 25%
1.40
200
0805
NCB0805SG050TR100QYF
0 ~ 15
0.07
1000
2.0 +0.3/-0.1
1.25 ±0.2
0.85 ±0.2
0.5 ±0.3
NCB0805SG300TR100QYF
30 ± 25%
0.10
1000
NCB0805SG600TR080QYF
60 ± 25%
0.20
800
NCB0805SG121TR060QYF
120 ± 25%
0.25
600
NCB0805SG221TR060QYF
220 ± 25%
0.30
600
NCB0805SG301TR060QYF
300 ± 25%
0.40
600
NCB0805SG421TR060QYF
420 ± 25%
0.40
600
NCB0805SG601TR060QYF
600 ± 25%
0.45
600
NCB0805SG102TR050QYF
1000 ± 25%
0.50
500
NCB0805SK121TR060QYF
120 ± 25%
0.20
600
NCB0805SK221TR060QYF
220 ± 25%
0.25
600
NCB0805SK301TR060QYF
300 ± 25%
0.30
600
NCB0805SK421TR060QYF
420 ± 25%
0.30
600
NCB0805SK601TR060QYF
600 ± 25%
0.35
600
NCB0805SK102TR050QYF
1000 ± 25%
0.40
500
NCB0805SK152TR020QYF
1500 ± 25%
0.45
200
NCB0805SK222TR020QYF
2200 ± 25%
0.60
200
NCB0805SK252TR020QYF
2500 ± 25%
0.70
200
NCB0805SK272TR020QYF
2700 ± 25%
0.80
200


Similar Part No. - NCB0603GD121TR030QYF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
NIC-Components Corp.
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R100TR070F NIC-NCB0603R100TR070F Datasheet
247Kb / 4P
   Ferrite Chip Beads
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
More results

Similar Description - NCB0603GD121TR030QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCBHY NIC-NCBHY Datasheet
893Kb / 7P
   Ferrite Chip Beads For Automotive Use
logo
Murata Manufacturing Co...
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com