Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCD101C500NPOD100LSTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NCD101C500NPOD100LSTRF
Description  Ceramic Disc Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCD101C500NPOD100LSTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NCD101C500NPOD100LSTRF Datasheet HTML 1Page - NIC-Components Corp. NCD101C500NPOD100LSTRF Datasheet HTML 2Page - NIC-Components Corp. NCD101C500NPOD100LSTRF Datasheet HTML 3Page - NIC-Components Corp. NCD101C500NPOD100LSTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
Taping Specifications
AMMO PACK
H
≤ 372 (14.64")
L
≤ 377 (14.84")
W
≤ 55 (2.16")
Acceptable to
standard radial type cartridge.
Acceptable to standard radial type cartridge with a few
extra accessories.
D < 354 (13.93")
B > 21 (.83") but
< 30 (1.18")
W < 55 (2.16")
=
=
=
=
H
L
W
REEL
W
D
B
PART NUMBER SUFFIX FOR OPTIONAL TAPE & REEL OR TAPE & BOX PACKAGING
Tape & Reel Straight Lead Options
TRF = Tape & Reel with 5mm lead-space
TR.100LSF = Tape & Reel with 2.0mm lead-space
TR.250LSF = Tape & Reel with 6.35mm lead-space
TR.300LSF = Tape & Reel with 7.5mm lead-space
TR.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Reel Crimped Lead Options (J = Inward Crimp, K = Outward Crimp)
JTRF or KTRF = Tape & Reel with 5mm lead-space
JTR.250LSF or KTR.250LSF = Tape & Reel with 6.35mm lead-space
JTR.300LSF or KTR.300LSF = Tape & Reel with 7.5mm lead-space
JTR.375LSF or KTR.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Box Straight Lead Options
TBF = Tape & Reel with 5mm lead-space
TB.100LSF = Tape & Reel with 2.0mm lead-space
TB.250LSF = Tape & Reel with 6.35mm lead-space
TB.300LSF = Tape & Reel with 7.5mm lead-space
TB.375LSF = Tape & Reel with 9.5mm lead-space
Tape & Box Crimped Lead Options (J = Inward Crimp, K = Outward Crimp)
JTBF or KTBF = Tape & Reel with 5mm lead-space
JTB.250LSF or KTBR.250LSF = Tape & Reel with 6.35mm lead-space
JTB.300LSF or KTB.300LSF = Tape & Reel with 7.5mm lead-space
JTB.375LSF or KTB.375LSF = Tape & Reel with 9.5mm lead-space
Notes:
1. The above lead-space options may not be available in all part diameters. Contact NIC for details.
2. Inward "J style" and outward "K style" may not be available in all part diameters and voltages. Contact NIC for details.


Similar Part No. - NCD101C500NPOD100LSTRF

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
NCD1015M IXYS-NCD1015M Datasheet
347Kb / 13P
   Sequential Power & Data Transmission (HDX)
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
NCD1015ZPC IXYS-NCD1015ZPC Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
More results

Similar Description - NCD101C500NPOD100LSTRF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com