Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCST Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NCST
Description  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCST Datasheet(HTML) 6 Page - NIC-Components Corp.

  NCST Datasheet HTML 1Page - NIC-Components Corp. NCST Datasheet HTML 2Page - NIC-Components Corp. NCST Datasheet HTML 3Page - NIC-Components Corp. NCST Datasheet HTML 4Page - NIC-Components Corp. NCST Datasheet HTML 5Page - NIC-Components Corp. NCST Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
D0
P
T
K
A
P0
B
C
W
A
REEL DIMENIONS (mm) AND QUANTITY
Type
A
B
W
F
K
E
P1
P2
P0
φD
o
T
NCST50
2.85 ±0.10
5.45 ±0.10
12.0
±0.10
5.50
±0.05
1.00
±0.20
1.75
±0.10
4.00
±0.05
2.00
±0.05
4.00
±0.05
1.50
±0.05
0.80
±0.10
NCST100
3.40 ±0.20
6.65 ±0.10
NCST200
2.50 ±0.20
8.30 ±0.20
16.0
±0.30
7.80
±0.05
1.50
±0.10
NCST300
3.38 ±0.10
6.68 ±0.10
12.0
±0.10
5.50
±0.05
1.45
±0.20
Type
A
B
C
W
Quantity
NCST04
178
±1.0
60
+0.5
13
±0.20
9.0
±0.50
10,000
NCST06
5,000
NCST10
NCST12
NCST50
13.2
±1.50
4,000
NCST100
NCST200
17
±0.50
2,000
NCST300
13.2
±1.50
2,000
Current Sensing Chip Resistors
NCST Series
Do
P
1
T
A
Component
P
0
P
2
Forward Direction
PAPER CARRIER TAPE DIMENSIONS (mm)
Type
A
B
W
F
E
P1
P2
P0
φDT
NCST04
0.67 ±0.03
1.15 ±0.03
8.00
±0.10
3.50
±0.05
1.75
±0.05
2.00 ±0.05
2.00
±0.05
4.00
±0.10
1.55
±0.05
0.40 ±0.03
NCST06
1.10 ±0.05
1.90 ±0.05
4.00 ±0.10
0.60 ±0.03
NCST10
1.60 ±0.05
2.37 ±0.05
0.75 ±0.05
NCST12
2.00 ±0.05
3.55 ±0.05


Similar Part No. - NCST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS-540 ONSEMI-NCS-540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS-540 ONSEMI-NCS-540 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
logo
Yamaichi Electronics Co...
NCS020Z-022-DF YAMAICHI-NCS020Z-022-DF Datasheet
77Kb / 1P
   90째 Solder Dip Sockets (PCB - Hook Lock)
NCS020Z-022-DF01 YAMAICHI-NCS020Z-022-DF01 Datasheet
77Kb / 1P
   90째 Solder Dip Sockets (PCB - Hook Lock)
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
More results

Similar Description - NCST

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com