Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS04D4N7TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NIS04D4N7TRF
Description  0402/0603 Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIS04D4N7TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NIS04D4N7TRF Datasheet HTML 1Page - NIC-Components Corp. NIS04D4N7TRF Datasheet HTML 2Page - NIC-Components Corp. NIS04D4N7TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
21.0
±0.8
2.0 ± 0.5
9.0
±0.3
13.0±0.5
2.0 ± 0.5
TAPE AND REEL PACKAGING
A
T
P
4.0
+0.1
0402/0603 Chip Inductors
NIS Series
SERIES
HIGH FREQUENCY TYPE
Q vs. Frequency
NIS Series (0603 size)
High Frequency Type
For Quality Factor (Q) and Inductance (L)
over Frequency curves
see www.RFpassives.com
NIC
P/N
'L'
Inductance
(nH)
Tolerance
(std)
'Q'
Factor
(min.)
L & Q
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
NIS06D1N0TRF
1.0
±0.3nH(D)
8.0
100 MHz
6000
0.05
500
NIS06D1N2TRF
1.2
±0.3nH(D)
8.0
100 MHz
6000
0.06
500
NIS06D1N5TRF
1.5
±0.3nH(D)
8.0
100 MHz
6000
0.07
500
NIS06D1N8TRF
1.8
±0.3nH(D)
8.0
100 MHz
6000
0.08
500
NIS06D2N2TRF
2.2
±0.3nH(D)
8.0
100 MHz
6000
0.09
500
NIS06D2N7TRF
2.7
±0.3nH(D)
8.0
100 MHz
6000
0.10
500
NIS06D3N3TRF
3.3
±0.3nH(D)
8.0
100 MHz
5500
0.12
500
NIS06J3N9TRF
3.9
±5% (J)
8.0
100 MHz
5500
0.15
450
NIS06J4N7TRF
4.7
±5% (J)
8.0
100 MHz
4800
0.17
450
NIS06J5N6TRF
5.6
±5% (J)
8.0
100 MHz
4600
0.18
430
NIS06J6N8TRF
6.8
±5% (J)
8.0
100 MHz
3550
0.20
430
NIS06J8N2TRF
8.2
±5% (J)
8.0
100 MHz
3500
0.28
400
NIS06J10NTRF
10
±5% (J)
8.0
100 MHz
2800
0.32
400
NIS06J12NTRF
12
±5% (J)
8.0
100 MHz
2800
0.35
400
NIS06J15NTRF
15
±5% (J)
8.0
100 MHz
2500
0.41
350
NIS06J18NTRF
18
±5% (J)
8.0
100 MHz
2300
0.45
350
NIS06J22NTRF
22
±5% (J)
8.0
100 MHz
2000
0.50
300
NIS06J27NTRF
27
±5% (J)
8.0
100 MHz
2000
0.55
300
NIS06J33NTRF
33
±5% (J)
8.0
100 MHz
1800
0.60
300
NIS06J39NTRF
39
±5% (J)
8.0
100 MHz
1800
0.80
300
NIS06J47NTRF
47
±5% (J)
8.0
100 MHz
1800
0.95
250
NIS06J56NTRF
56
±5% (J)
8.0
100 MHz
1800
1.20
250
NIS06J68NTRF
68
±5% (J)
8.0
100 MHz
1500
1.30
250
NIS06J82NTRF
82
±5% (J)
8.0
100 MHz
1500
1.50
250
NIS06JR10TRF
100
±5% (J)
8.0
100 MHz
1300
1.80
200
NIS06JR12TRF
120
±5% (J)
8.0
100 MHz
1200
3.00
130
NIS06JR15TRF
150
±5% (J)
8.0
100 MHz
1100
4.50
100
NIS06JR18TRF
180
±5% (J)
8.0
100 MHz
1000
6.50
80
NIS06JR22TRF
220
±5% (J)
8.0
100 MHz
900
7.50
70
Series
A
B
E
F
P
W
T
Reel
Quantity
NIS04
0.71 ± 0.1 1.21 ± 0.13 1.75 ± 0.2 3.5 ± 0.05
2.0 ± 0.05
8.0 ± 0.3
1.0 max.
10,000
NIS06
1.00 ± 0.2 1.80 ± 0.05 1.75 ± 0.2 3.5 ± 0.05
4.0 ± 0.10
8.0 ± 0.3
1.2 max.
3,000


Similar Part No. - NIS04D4N7TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1050MNTBG ONSEMI-NIS1050MNTBG Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1161 ONSEMI-NIS1161 Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
More results

Similar Description - NIS04D4N7TRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
   0603 Chip Inductors
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
   CWF1610 Series - 0603 Chip Inductors
logo
Coilcraft lnc.
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
   Chip Inductors - 0201DS Series(0603)
logo
AVX Corporation
0402 AVX-0402_15 Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0402 package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com