Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMA220 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BMA220
Description  Digital, triaxial acceleration sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMA220 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button BMA220 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMA220 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Data sheet
BMA220
Page 9
BST-BMA220-DS003-08 | Revision 1.15 | August 2011
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4. Global memory map
The memory map below shows all externally accessible data registers which are needed to
operate BMA220.The left columns show the memory addresses. The columns in the middle
depict the content of each register bit. The colors of the bits indicate whether they are read-only,
write-only or read- and writable. The memory is volatile so that the writable content has to be re-
written after each power-on.
The extended address space greater than 0x19 (SPI) / 0x32 (I2C) is not shown. These registers
are reserved for further Bosch factory testing and trimming.
Register
Address
(I²C)
Register
Address
(SPI)
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
default after
power-up
0x32
0x19
0x00
0x30
0x18
0x00
0x2E
0x17
WDT_TO_en
WDT_TO_sel
SPI3
0x00
0x2C
0x16
0x00
0x2A
0x15
0x00
0x28
0x14
0x00
0x26
0x13
0x00
0x24
0x12
0x10
0x22
0x11
sbist_sign
0x00
0x20
0x10
serial_high_bw
0x00
0x1E
0x0F
unused
sleep_en
en_x_channel
en_y_channel
en_z_channel
0x07
0x1C
0x0E
reset_int
en_low
en_high_x
en_high_y
en_high_z
0x00
0x1A
0x0D
en_data
en_orient
en_slope_x
en_slope_y
en_slope_z
en_tt_x
en_tt_y
en_tt_z
0x00
0x18
0x0C
tt_int
low_int
high_int
data_int
slope_int
0x00
0x16
0x0B
orient_int
int_first_x
int_first_y
int_first_z
int_sign
0x00
0x14
0x0A
tip_en
0x08
0x12
0x09
orient_ex
slope_filt
0x45
0x10
0x08
tt_filt
0xB5
0xE
0x07
0x7F
0xC
0x06
0x4E
0xA
0x05
0x7F
0x8
0x04
0
0
0x00
0x6
0x03
0
0
0x00
0x4
0x02
0
0
0x00
0x2
0x01
0x00
0x0
0x00
0xDD
Chip ID
tt_samp[1:0]
slope_th[3:0]
slope_dur[1:0]
tt_th[3:0]
tt_dur[2:0]
acc_z<5:0>
acc_y<5:0>
acc_x<5:0>
Revision ID
low_th[3:0]
high_th[3:0]
high_hy[1:0]
high_dur[5:0]
low_hy[1:0]
low_dur[5:0]
orient_blocking [1:0]
unused
lat_int[2:0]
unused
orient[2:0]
sbist (off,x,y,z)
filt_config[3:0]
unused
unused
range[1:0]
sleep_dur[2:0]
reserved
reserved
reserved
reserved
softreset
suspend
unused
reserved
Figure 2: Memory map
Note:
From SPI  I²C use burst address increment in 0x02h steps.
4.1 Control registers
4.1.1 3-wire SPI mode selection
The BMA220 supports both 4-wire and 3-wire SPI. The protocols are exactly the same except
for the fact that in 3-wire mode, the SDI pin is also used for data output.
The default mode is 4-wire SPI. If 3-wire SPI should be used, the SPI3 bit in register 0x17 (SPI)
must be set to ‘1’.


Similar Part No. - BMA220

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
More results

Similar Description - BMA220

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
BMA150 ETC2-BMA150 Datasheet
686Kb / 55P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com