Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1971 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DA1971
Description  400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1971 Datasheet(HTML) 2 Page - Diodes Incorporated

  2DA1971 Datasheet HTML 1Page - Diodes Incorporated 2DA1971 Datasheet HTML 2Page - Diodes Incorporated 2DA1971 Datasheet HTML 3Page - Diodes Incorporated 2DA1971 Datasheet HTML 4Page - Diodes Incorporated 2DA1971 Datasheet HTML 5Page - Diodes Incorporated 2DA1971 Datasheet HTML 6Page - Diodes Incorporated 2DA1971 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2DA1971
Document number: DS35669 Rev: 2 – 2
2 of 7
www.diodes.com
August 2012
© Diodes Incorporated
2DA1971
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltage
VEBO
-7
V
Continuous Collector Current
IC
-0.5
A
Peak Pulse Current
ICM
-1
A
Base Current
IB
-250
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
1.5
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
83
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
10.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD Ratings (Note 7)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
5. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions.
6. Thermal resistance from junction to solder-point (at the end of the collector lead).
7. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - 2DA1971

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971-13 DIODES-2DA1971-13 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
2DA1971-7 DIODES-2DA1971-7 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
2DA1971Q DIODES-2DA1971Q Datasheet
378Kb / 7P
   PNP HIGH VOLTAGE SWITCHING TRANSISTOR
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
More results

Similar Description - 2DA1971

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
   400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
   180V High voltage PNP switching transistor in SOT89
logo
Diodes Incorporated
FCX555 DIODES-FCX555 Datasheet
142Kb / 6P
   180V High voltage PNP switching transistor in SOT89
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
   150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com