Electronic Components Datasheet Search |
|
THS4281D Datasheet(PDF) 8 Page - Texas Instruments |
|
|
THS4281D Datasheet(HTML) 8 Page - Texas Instruments |
8 / 38 page THS4281 SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS, VS = ±5 V At G = +2, RF = 2.49 kΩ, and RL = 1 kΩ, unless otherwise noted TYP OVER TEMPERATURE PARAMETER CONDITIONS 0°C to –40°C to MIN/ +25°C +25°C UNITS +70°C +85°C MAX AC PERFORMANCE G = +1, VO = 100 mVPP, RF = 34 Ω 95 MHz Typ G = +2, VO = 100 mVPP 40 MHz Typ Small-Signal Bandwidth G = +5, VO = 100 mVPP 8 MHz Typ G = +10, VO = 100 mVPP 3.8 MHz Typ 0.1-dB Flat Bandwidth G = +2, VO = 100 mVPP 20 MHz Typ Full-Power Bandwidth G = +1, VO = 2 VPP 9.5 MHz Typ G = +1, VO = 2-V Step 35 V/ μs Typ Slew Rate G = –1, VO = 2-V Step 35 V/ μs Typ Settling Time to 0.1% G = –1, VO = 2-V Step 78 ns Typ Settling Time to 0.01% G = –1, VO = 2-V Step 140 ns Typ Rise/Fall Times G = +1, VO = 2-V Step 45 ns Typ Harmonic Distortion G = +2, VO = 2 VPP Second Harmonic Distortion –69 dBc Typ f = 1 MHz, RL = 1 kΩ Third Harmonic Distortion –76 dBc Typ Second Harmonic Distortion –93 dBc Typ f = 100 kHz, RL = 1 kΩ Third Harmonic Distortion –107 dBc Typ VO = 2 VPP, f = 10 kHz 0.0009 % Typ THD + N VO = 8 VPP, f = 10 kHz 0.0003 % Typ Differential Gain (NTSC/PAL) 0.03/0.03 % Typ G = +2, RL = 150 Ω Differential Phase (NTSC/PAL) 0.08/0.1 ° Typ Input Voltage Noise f = 100 kHz 12.5 nV/ √Hz Typ Input Current Noise f = 100 kHz 1.5 pA/ √Hz Typ DC PERFORMANCE Open-Loop Voltage Gain (AOL) 108 90 85 85 dB Min Input Offset Voltage 0.5 2.5 3.5 3.5 mV Max Average Offset Voltage Drift ±7 ±7 μV/°C Typ Input Bias Current 0.5 0.8 1 1 μA Max VCM = 0 V Average Bias Current Drift ±2 ±2 nA/°C Typ Input Offset Current 0.1 0.4 0.5 0.5 μA Max Average Offset Current Drift ±2 ±2 nA/°C Typ INPUT CHARACTERISTICS Common-Mode Input Range ±5.4 ±5.3 ±5.1 ±5.1 V Min Common-Mode Rejection Ratio VCM = –5 V to +5 V 107 90 85 85 dB Min Input Resistance Common-mode 100 M Ω Typ Input Capacitance Common-mode/Differential 0.8/1.2 pF Typ OUTPUT CHARACTERISTICS RL = 10 kΩ ±4.93 V Typ Output Voltage Swing RL = 1 kΩ ±4.8 ±4.6 ±4.5 ±4.5 V Min Output Current (Sourcing) RL = 10 Ω 48 35 30 30 mA Min Output Current (Sinking) RL = 10 Ω 60 45 40 40 mA Min Output Impedance f = 1 MHz 1 Ω Typ 8 Submit Documentation Feedback Copyright © 2004–2009, Texas Instruments Incorporated Product Folder Link(s): THS4281 |
Similar Part No. - THS4281D |
|
Similar Description - THS4281D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |