Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3120IDGN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3120IDGN
Description  LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3120IDGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3120IDGN Datasheet HTML 4Page - Texas Instruments THS3120IDGN Datasheet HTML 5Page - Texas Instruments THS3120IDGN Datasheet HTML 6Page - Texas Instruments THS3120IDGN Datasheet HTML 7Page - Texas Instruments THS3120IDGN Datasheet HTML 8Page - Texas Instruments THS3120IDGN Datasheet HTML 9Page - Texas Instruments THS3120IDGN Datasheet HTML 10Page - Texas Instruments THS3120IDGN Datasheet HTML 11Page - Texas Instruments THS3120IDGN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
THS3120
THS3121
SLOS420E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
±15-V Graphs
FIGURE
Noninverting small-signal gain frequency response
1, 2
Inverting small-signal gain frequency response
3
0.1-dB flatness
4
Noninverting large-signal gain frequency response
5
Inverting large-signal gain frequency response
6
Frequency response capacitive load
7
Recommended RISO
vs Capacitive load
8
2nd harmonic distortion
vs Frequency
9
3rd harmonic distortion
vs Frequency
10
Harmonic distortion
vs Output voltage swing
11, 12
Slew rate
vs Output voltage step
13, 14
Noise
vs Frequency
15
Settling time
16, 17
Quiescent current
vs Supply voltage
18
Output voltage
vs Load resistance
19
Input bias and offset current
vs Case temperature
20
Input offset voltage
vs Case temperature
21
Transimpedance
vs Frequency
22
Rejection ratio
vs Frequency
23
Noninverting small-signal transient response
24
Inverting large-signal transient response
25
Overdrive recovery time
26
Differential gain
vs Number of loads
27
Differential phase
vs Number of loads
28
Closed-loop output impedance
vs Frequency
29
Power-down quiescent current
vs Supply voltage
30
Turn-on and turn-off time delay
31
±5-V Graphs
FIGURE
Noninverting small-signal gain frequency response
32
Inverting small-signal gain frequency response
33
0.1-dB flatness
34
Slew rate
vs Output voltage step
35, 36
2nd harmonic distortion
vs Frequency
37
3rd harmonic distortion
vs Frequency
38
Harmonic distortion
vs Output voltage swing
39, 40
Noninverting small-signal transient response
41
Inverting small-signal transient response
42
Input bias and offset current
vs Case temperature
43
Overdrive recovery time
44
Settling time
45
Rejection ratio
vs Frequency
46
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3120 THS3121


Similar Part No. - THS3120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120IDGN TI-THS3120IDGN Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120IDGN TI1-THS3120IDGN Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120IDGNR TI-THS3120IDGNR Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3120IDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com