Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI101H6R8M-F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLI101H6R8M-F
Description  NLI Radial Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI101H6R8M-F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLI101H6R8M-F Datasheet HTML 1Page - NIC-Components Corp. NLI101H6R8M-F Datasheet HTML 2Page - NIC-Components Corp. NLI101H6R8M-F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI66H STANDARD VALUES (H = 6.5mm x D = 6.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
I rms
(A)
Dim. E
(ref.)
NLI66H1R0M _ F
1
±20%
20
7.96MHz
100
0.008
6
4.3
0.6
NLI66H1R5M _ F
1.5
±20%
20
7.96MHz
70
0.009
5
3.7
0.55
NLI66H2R2M _ F
2.2
±20%
20
7.96MHz
60
0.013
4
3.2
0.55
NLI66H3R3M _ F
3.3
±20%
20
7.96MHz
50
0.018
3.2
2.7
0.5
NLI66H4R7M _ F
4. 7
±20%
20
7.96MHz
40
0.024
2. 7
2. 4
0.5
NLI__H Series
NLI Radial Power Inductors
NLI77H STANDARD VALUES (H = 7.5mm x D = 7.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
I rms
(A)
Dim. E
(ref.)
NLI77H1R0M _ F
1
±20%
10
7.96MHz
70
0.006
6.6
5
0.7
NLI77H1R5M _ F
1.5
±20%
10
7.96MHz
56
0.008
5.4
4.3
0.7
NLI77H2R2M _ F
2.2
±20%
10
7.96MHz
45
0.011
4
3.7
0.7
NLI77H3R3M _ F
3.3
±20%
10
7.96MHz
36
0.018
3.6
2.9
0.55
NLI77H4R7M _ F
4.7
±20%
10
7.96MHz
29
0.022
3.1
2.6
0.5
NLI77H6R8M _ F
6.8
±20%
10
7.96MHz
24
0.028
2.5
2.3
0.5
NLI77H100K _ F
10
±10%
20
2.52MHz
19
0.043
2.1
1.9
0.45
NLI77H150K _ F
15
±10%
20
2.52MHz
15
0.056
1.7
1.6
0.45
NLI77H220K _ F
22
±10%
20
2.52MHz
12
0.086
1. 4
1. 3
0.4
NLI87H STANDARD VALUES (H = 7.5mm x D = 8.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
I rms
(A)
Dim. E
(ref.)
NLI87H2R2M _ F
2.2
±20%
10
7.96MHz
60
0.011
5.5
4
0.7
NLI87H3R3M _ F
3.3
±20%
10
7.96MHz
38
0.013
3.8
3.4
0.7
NLI87H4R7M _ F
4.7
±20%
10
7.96MHz
30
0.017
3.7
3
0.6
NLI87H6R8M _ F
6.8
±20%
10
7.96MHz
24
0.023
2.8
2.6
0.55
NLI87H100K _ F
10
±10%
20
2.52MHz
19
0.031
2.5
2.2
0.55
NLI87H150K _ F
15
±10%
20
2.52MHz
15
0.042
2
1.9
0.5
NLI87H220K _ F
22
±10%
20
2.52MHz
12
0.07
1. 6
1. 5
0.45
NLI101H STANDARD VALUES (H = 10.5mm x D = 11.0mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
I rms
(A)
Dim. E
(ref.)
NLI101H3R3M _ F
3.3
±20%
10
7.96MHz
36
0.01
8.8
5.9
0.8
NLI101H4R7M _ F
4.7
±20%
10
7.96MHz
28
0.015
7.2
4.8
0.8
NLI101H6R8M _ F
6.8
±20%
10
7.96MHz
18
0.016
6.1
4.6
0.8
NLI101H100M _ F
10
±20%
20
2.52MHz
16
0.025
5
3.7
0.8
NLI101H150K _ F
15
±10%
20
2.52MHz
12
0.029
4.2
3.4
0.8
NLI101H220K _ F
22
±10%
20
2.52MHz
9.5
0.04
3.4
2.9
0.7
NLI101H330K _ F
33
±10%
30
2.52MHz
7
0.062
2.8
2.3
0.6
NLI101H470K _ F
47
±10%
30
2.52MHz
5.8
0.075
2.3
2.1
0.6
NLI101H680K _ F
68
±10%
20
2.52MHz
4.7
0.13
1.9
1.6
0.5
NLI101H101K _ F
100
±10%
20
796KHz
3.8
0.16
1. 6
1. 4
0.5
DC I maximum +25°C temperature rise,
ΔL -20% max.
* Contact NIC for other tolerance options. _ Add the letter "U" if sleeving is required.
DC I maximum +25°C temperature rise,
ΔL -20% max.
* Contact NIC for other tolerance options. _ Add the letter "U" if sleeving is required.
DC I maximum +25°C temperature rise,
ΔL -20% max.
* Contact NIC for other tolerance options. _ Add the letter "U" if sleeving is required.
DC I maximum +25°C temperature rise,
ΔL -20% max.
* Contact NIC for other tolerance options. _ Add the letter "U" if sleeving is required.


Similar Part No. - NLI101H6R8M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C101K___F NIC-NLI100C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C102K___F NIC-NLI100C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C103K___F NIC-NLI100C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI101H6R8M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com