Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLA1006JR422TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NLA1006JR422TRF
Description  Wound Air Core Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLA1006JR422TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NLA1006JR422TRF Datasheet HTML 1Page - NIC-Components Corp. NLA1006JR422TRF Datasheet HTML 2Page - NIC-Components Corp. NLA1006JR422TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Wound Air Core Inductors
NLA Series
FEATURES
• High Q Over Wide Frequency Range
• Available in 0403, 0504, 0703 and 1006 Case Sizes
• Mold Flat Top for Automatic Pick & Place
NLA 0403 K 2N5 TR F
RoHS compliant
Packaging: TR = Tape/Reel
Inductance Code (N=decimal point) in nano-henries
(Ex. 2N5 = 2.5nH, 18N=18nH, R10=100nH)
Tolerance Code (J=±5%, K=±10%)
Size Code: 0403, 0504, 0703 or 1006
Series
PART NUMBER SYSTEM
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
NLA Wound Air Core Inductors
Specifications
0403
0504
0703
1006
Inductance Range
2.5 ~ 18.5nH
22 ~ 120nH
17.5 ~ 43nH
90 ~ 538nH
Operating Temperature Range
-40°C ~ +125°C
Q-Factor, Self Resonant Frequency,
DC Resistance, Rated DC Current
and Inductance Tolerance
See Individual
Product Listings
SPECIFICATIONS
COMPONENT AND LAND PATTERN DIMENSIONS
Series
A
B
C
D
E
H
I
J
K
NLA0403
3.68 ref.
3.05 ref.
3.18 ref.
2.92 ± 0.25 0.58 ± 0.38
3.30
1.27
1.65
2.79
NLA0504
4.95 ref.
3.81 ref.
4.20 ref.
4.32 ± 0.39 1.53 ± 0.39
5.16
1.48
2.85
2.62
NLA0703
6.86 ref.
3.05 ref.
3.18 ref.
5.84 ± 0.25 0.58 ± 0.38
3.30
1.27
4.70
2.79
NLA1006
10.55 ref.
6.35 ref.
5.97 ref.
7.98 ± 0.51 1.27 ± 0.39
4.70
2.04
5.95
2.42
TOP VIEW
END VIEW
SIDE VIEW
BOTTOM VIEW
LAND PATTERN


Similar Part No. - NLA1006JR422TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NLA100M VISHAY-NLA100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
More results

Similar Description - NLA1006JR422TRF

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1238 RENCO-RL-1238 Datasheet
1Mb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
RL-1233 RENCO-RL-1233 Datasheet
339Kb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
RL-1239 RENCO-RL-1239 Datasheet
1Mb / 2P
   AIR CORE INDUCTORS BOBBIN WOUND
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com