Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201DRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS3201DRG4
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3201DRG4 Datasheet HTML 6Page - Texas Instruments THS3201DRG4 Datasheet HTML 7Page - Texas Instruments THS3201DRG4 Datasheet HTML 8Page - Texas Instruments THS3201DRG4 Datasheet HTML 9Page - Texas Instruments THS3201DRG4 Datasheet HTML 10Page - Texas Instruments THS3201DRG4 Datasheet HTML 11Page - Texas Instruments THS3201DRG4 Datasheet HTML 12Page - Texas Instruments THS3201DRG4 Datasheet HTML 13Page - Texas Instruments THS3201DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
VS = ±7.5 V Graphs
0
1
2
3
4
5
6
7
8
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
RF = 619 Ω
RF = 768 Ω
RF = 1 kΩ
Gain = 2.
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
G = 10, RF = 487 Ω
G = 5, RF = 619 Ω
G = 2, RF = 768 Ω
G =1, RF = 1.2 kΩ
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
RL = 100 Ω,
VO = 0.2 VPP.
VS = ±7.5 V
G = -10, RF = 499 Ω
G = -5, RF = 549 Ω
G = -2, RF = 576 Ω
G = -1, RF = 619 Ω
5.6
5.7
5.8
5.9
6.1
6.2
6.3
6.4
100 k
10 M
100 M
1 G
10 G
6
f - Frequency - Hz
Gain = 2,
RF = 768 Ω,
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±7.5 V
1 M
-4
-2
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G =-5, RF = 549 Ω
G = -1, RF = 576 Ω
RL = 100 Ω,
VO = 2 VPP.
VS = ±7.5 V
0
2
4
6
8
10
12
14
16
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G =-5, RF = 576 Ω
G = 2, RF = 715 Ω
RL = 100 Ω,
VO = 2 VPP.
VS = ±7.5 V
-2
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
f - Frequency - MHz
R(ISO) = 30 Ω, CL = 22 pF
R(ISO) = 20 Ω,
CL = 47 pF
Gain = 5
RF = 619 Ω
RL = 100 Ω
VS = ±7.5 V
R(ISO) = 20 Ω,
CL = 50 pF
R(ISO) = 15 Ω,
CL = 100 pF
0
10
20
30
40
50
60
10
100
CL - Capacitive Load - pF
Gain = 5,
RF = 619 Ω
RL = 100 Ω,
VS = ±7.5 V
_
+
RISO
CL
-100
-90
-80
-70
-60
-50
-40
1
100
f-Frequency-MHz
Vs=
5V
V
=2V
R =100
out
PP
L
W
±7.
G=10
R =499
,R
=54.9
F
G
W
W
G=5
R =619
,
R
=154
F
G
W
W
G=2
R =768
,R
=768
F
G
W
W
10
THS3201
SLOS416C – JUNE 2003 – REVISED JUNE 2009 ............................................................................................................................................................. www.ti.com
NONINVERTING SMALL-SIGNAL
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
INVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
0.1 dB GAIN FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
RECOMMENDED RISO
2nd HARMONIC DISTORTION
CAPACITIVE LOAD
vs
vs
FREQUENCY RESPONSE
CAPACITIVE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3201


Similar Part No. - THS3201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DR TI-THS3201DR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com