Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4508 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4508
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4508 Datasheet(HTML) 1 Page - Texas Instruments

  THS4508 Datasheet HTML 1Page - Texas Instruments THS4508 Datasheet HTML 2Page - Texas Instruments THS4508 Datasheet HTML 3Page - Texas Instruments THS4508 Datasheet HTML 4Page - Texas Instruments THS4508 Datasheet HTML 5Page - Texas Instruments THS4508 Datasheet HTML 6Page - Texas Instruments THS4508 Datasheet HTML 7Page - Texas Instruments THS4508 Datasheet HTML 8Page - Texas Instruments THS4508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
2.5V
348 W
348 W
340 W
340 W
56.2 W
V
IN
25 W
25 W
56.2 W
50 W
THS4513
0.22 F
m
To50
Test
Equipment
-W
0.1 F
m
0.1 F
m
-
2.5V
CM
1:1
6.8pF
6.8pF
V
OUT
0.22 F
m
0.22 F
m
50-W
Single-
Ended
AC-Coupled
Source
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.1
1
10
100
1000
f-Frequency(MHz)
60MHzLow-PassFilter
Low-PassFilterResponse
THS4513
www.ti.com
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
WIDEBAND, LOW-NOISE, LOW-DISTORTION,
FULLY-DIFFERENTIAL AMPLIFIER
Check for Samples: THS4513
1
FEATURES
DESCRIPTION
The THS4513 is a wideband, fully-differential op amp
23
Fully-Differential Architecture
designed for 3.3-V to 5-V data acquisition systems. It
Centered Input Common-Mode Range
has very low noise at 2.2 nV/
√Hz, and extremely low
Minimum Gain of 1 V/V (0 dB)
harmonic distortion of –75 dBc HD2 and –86 dBc HD3
at 70 MHz with 2-VPP output, G = 0 dB, and 200-Ω
Bandwidth: 1600 MHz
load. Slew rate is very high at 5100 V/
μs and with
Slew Rate: 5100 V/
μs
settling time of 2.9 ns to 1% (2-V step), it is ideal for
1% Settling Time: 2.9 ns
pulsed applications. It is designed for a minimum gain
of 0 dB.
HD2: –75 dBc at 70 MHz
HD3: –86 dBc at 70 MHz
To
allow
for
dc-coupling
to
analog-to-digital
converters (ADCs), its unique output common-mode
OIP2: 77 dBm at 70 MHz
control circuit maintains the output common-mode
OIP3: 42 dBm at 70 MHz
voltage within 5-mV offset (typ) from the set voltage,
Input Voltage Noise: 2.2 nV/
√Hz (f > 10 MHz)
when set within 0.5 V of midsupply, with less than 4-
mV differential offset voltage. The common-mode set
Noise Figure: 19.8 dB
point is set to midsupply by internal circuitry, which
Output Common-Mode Control
may be overdriven from an external source.
Power Supply:
The
input
and
output
are
optimized
for
best
Voltage: 3 V (±1.5 V) to 5 V (±2.5 V)
performance with their common-mode voltages set to
Current: 37.7 mA
midsupply. Along with high performance at low
power-supply voltage, this design makes it ideal for
Power-Down Capability: 0.65 mA
extremely high-performance, single-supply 5-V data
acquisition systems.
APPLICATIONS
The THS4513 is offered in a quad, leadless QFN-16
5-V Data Acquisition Systems, High Linearity
package (RGT), and is characterized for operation
ADC Amplifier
over the full industrial temperature range from –40°C
Wireless Communication
to +85°C.
Medical Imaging
Test and Measurement
RELATED PRODUCTS
COMMON-MODE RANGE OF
DEVICE
MIN. GAIN
INPUT(1)
THS4508
6 dB
–0.3 V to 2.3 V
THS4509
6 dB
1.1 V to 3.9 V
THS4511
0 dB
–0.3 V to 2.3 V
THS4513
0 dB
1.1 V to 3.9 V
1. Assumes a 5-V single-ended power supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508 TI1-THS4508 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI1-THS4508 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508RGTR TI-THS4508RGTR Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4508RGTRG4 TI-THS4508RGTRG4 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com