Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFI08-4R7TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NFI08-4R7TRF
Description  Ferrite Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFI08-4R7TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NFI08-4R7TRF Datasheet HTML 1Page - NIC-Components Corp. NFI08-4R7TRF Datasheet HTML 2Page - NIC-Components Corp. NFI08-4R7TRF Datasheet HTML 3Page - NIC-Components Corp. NFI08-4R7TRF Datasheet HTML 4Page - NIC-Components Corp. NFI08-4R7TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Inductor
NFI Series
NFI08 (2.0mm X 1.25mm)
EIA
Size
NIC
P/N
Inductance
(μH)
Q Min.
L & Q
Test Frequency
(MHz)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
SRF
Min.
(MHz)
0805
NFI08_47NTRF
0.047
15
50
0.20
300
320
NFI08_68NTRF
0.068
0.20
300
280
NFI08_82NTRF
0.082
0.20
300
255
NFI08_R10TRF
0.1
20
25
0.30
250
235
NFI08_R12TRF
0.12
0.30
250
220
NFI08_R15TRF
0.15
0.40
250
200
NFI08_R18TRF
0.18
0.40
250
185
NFI08_R22TRF
0.22
0.50
250
170
NFI08_R27TRF
0.27
0.50
250
150
NFI08_R33TRF
0.33
0.55
250
145
NFI08_R39TRF
0.39
25
0.65
200
135
NFI08_R47TRF
0.47*
0.65
200
125
NFI08_R56TRF
0.56*
0.75
150
115
NFI08_R68TRF
0.68*
0.80
150
105
NFI08_R82TRF
0.82*
1.00
150
100
NFI08_1R0TRF
1.0
45
10
0.40
50
75
NFI08_1R2TRF
1.2
0.50
50
65
NFI08_1R5TRF
1.5
0.50
50
60
NFI08_1R8TRF
1.8
0.60
50
55
NFI08_2R2TRF
2.2
0.65
30
50
NFI08_2R7TRF
2.7*
0.75
30
45
NFI08_3R3TRF
3.3*
0.80
30
41
NFI08_3R9TRF
3.9*
0.90
30
38
NFI08_4R7TRF
4.7*
1.00
30
35
NFI08_5R6TRF
5.6*
4
0.90
15
32
NFI08_6R8TRF
6.8*
1.00
15
29
NFI08_8R2TRF
8.2*
1.10
15
26
NFI08_100TRF
10*
2
1.15
15
24
NFI08_120TRF
12*
1.25
15
22
NFI08_150TRF
15*
30
1
0.80
5
19
NFI08_180TRF
18*
0.90
5
18
NFI08_220TRF
22*
1.10
5
16
NFI08_270TRF
27*
1.15
5
14
NFI08_330TRF
33*
0.4
1.25
5
13
*Note: These values have a maximum thickness of 1.45mm


Similar Part No. - NFI08-4R7TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFI06100TRF NIC-NFI06100TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R0TRF NIC-NFI061R0TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R2TRF NIC-NFI061R2TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R5TRF NIC-NFI061R5TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
NFI061R8TRF NIC-NFI061R8TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
More results

Similar Description - NFI08-4R7TRF

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
CFL252018CF FENGJUI-CFL252018CF Datasheet
146Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
logo
Abracon Corporation
AIML-0402 ABRACON-AIML-0402 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.24.12
AIML-0603HC ABRACON-AIML-0603HC Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.10.14
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012_15 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
FENGJUI TECHNOLOGY CO.,...
CFL252018SF FENGJUI-CFL252018SF Datasheet
150Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
CFL322522SF FENGJUI-CFL322522SF Datasheet
144Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
   MULTILAYER FERRITE CHIP INDUCTOR
logo
FENGJUI TECHNOLOGY CO.,...
CFL161010CF FENGJUI-CFL161010CF Datasheet
152Kb / 3P
   FERRITE CHIP INDUCTOR-RoHS
CFL201212SF FENGJUI-CFL201212SF Datasheet
259Kb / 4P
   FERRITE CHIP INDUCTOR-RoHS
logo
Abracon Corporation
AIML-0603 ABRACON-AIML-0603 Datasheet
1Mb / 3P
   MULTILAYER FERRITE CHIP INDUCTOR
01.26.12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com