Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-HJ330_TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NIN-HJ330_TRF
Description  Wirewound Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HJ330_TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NIN-HJ330_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HJ330_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
14
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
COMPONENT DIMENSIONS (mm):
Type
Case Size
A max.
B max.
C max.
D typ.
E typ.
F typ.
NIN-HK
0402
1.19
0.64
0.66
0.20
0.523
0.215
NIN-HJ
0603
1.80
1.12
1.02
0.38
0.76
0.33
NIN-HD
0805
2.29
1.68
1.55
0.51
1.27
0.50
NIN-HC
1008
2.92
2.79
2.29
0.51
2.10
0.50
NIN-HE
1206
3.56
2.16
1.52
0.51
1.60
0.50
NIN-HA
1210
3.65
2.95
2.70
0.51
2.10
.050
NIN-HB
1812
4.95
3.81
3.43
1.78
2.90
.058
Type
H typ.
I typ.
J typ.
NIN-HK
0.65
0.35
0.50
NIN-HJ
1.02
0.36
0.46
NIN-HD
1.78
1.02
0.76
NIN-HC
2.54
1.02
1.27
NIN-HE
1.93
1.02
1.78
NIN-HA
3.02
1.02
1.78
NIN-HB
3.05
1.14
3.00
RECOMMEND LAND PATTERN
DIMENSIONS (mm)
Wirewound Chip Inductors
NIN-H Series
• SIZES K(0402), J (0603), D (0805), C (1008), E (1206), A (1210) and B (1812)
• HIGH Q, HIGH CURRENT AND HIGH SRF CHARACTERISTICS
• REFLOW SOLDERING APPLICABLE
• HIGH INDUCTANCE AVAILABLE IN SMALL SIZE
• EMBOSSED PLASTIC CARRIER PACKAGING FOR AUTOMATIC PICK-PLACE*
*0402 PUNCHED CARDBOARD CARRIER
FEATURES
ENVIRONMENTAL CHARACTERISTICS
Test
Specifications
Test Method & Condition
Solderability
75% Min. Coverage
After 3 sec. dip in +230°C soldering pot (post flux)
Resistance to Soldering Heat
(1) No evidence of damage
(2) Inductance change ±5% of initial value
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 5 seconds at +260°C (with pre-conditioning)
Humidity
(1) No evidence of damage
(2) Inductance change ±5% of initial value
(±10% for 0402 case size)
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 500 hours at 60°C and 90 ~ 95% RH
(0402 case size - after 96 hours 50°C and 90 ~ 95% RH)
Low Frequency Vibration
After 2 hrs per axis, 10 ~ 55Hz, 1.5mm amplitude
Thermal Shock
After 100 cycles (10 cycles 0402) at -40°C and +125°C
(30 minutes at each temperature)
Low Temperature Storage
After 500 hrs at -40°C
High Temperature Load Life
(1) No evidence of damage
(2) Inductance change ±10% of initial value
(±20% for 0402 case size)
(3) Q factor within ±10% of initial value
(±20% for 0402 & 0603 case sizes)
After 500 hrs at +125°C with rated DC current
(0402 case size - after 1,000 hrs at +85°C)
Humidity Load Life
No evidence of short or open circuit
After 500 hrs at 60°C with 90 ~ 95% RH with rated DC current
(0402 case size- 1,000 hrs at +40°C)
J
I
H
C
D
Specifications
1206 (E)
1210 (A)
1812 (B)
Inductance Range
3.3nH ~ 1.2
μH
3.9nH ~ 8.6
μH
1.0
μH ~ 33μH
Inductance Tolerance
See Product Standard Values Tables
Operating Temperature Range
-40°C ~ +125°C
F
F
E
A
B
Specifications
Case Size Code
0402 (K)
0603 (J)
0805 (D)
1008 (C)
Inductance Range
1.0nH ~ 68nH
1.8nH ~ 270nH
2.2nH ~ 910nH
10nH ~ 4.7
μH
Inductance Tolerance
±0.3nH (S), ±5% (J)
±2% (G), ±5% (J), ±10% (K), ±20% (M)
Operating Temperature Range
-40°C ~ +125°C


Similar Part No. - NIN-HJ330_TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HJ330JTRF NIC-NIN-HJ330JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
NIN-HJ330JTRF NIC-NIN-HJ330JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HJ330_TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com