Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4509 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4509
Description  WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4509 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4509 Datasheet HTML 2Page - Texas Instruments THS4509 Datasheet HTML 3Page - Texas Instruments THS4509 Datasheet HTML 4Page - Texas Instruments THS4509 Datasheet HTML 5Page - Texas Instruments THS4509 Datasheet HTML 6Page - Texas Instruments THS4509 Datasheet HTML 7Page - Texas Instruments THS4509 Datasheet HTML 8Page - Texas Instruments THS4509 Datasheet HTML 9Page - Texas Instruments THS4509 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
THS4513
SLOS472E – AUGUST 2005 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3 V (continued)
Test conditions at VS+ = 1.5 V, VS– = –1.5 V, G = 0 dB, CM = open, VO = 1 VPP, RF = 348 Ω, RL = 200-Ω differential,
TA = +25°C, single-ended input, differential output, and input and output referenced to midsupply, unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
TYP
UNIT
LEVEL(1)
OUTPUT
Maximum output voltage high
0.45
V
Each output with 100
Ω to midsupply
Minimum output voltage low
–0.45
V
Differential output voltage swing
1.8
V
Differential output current drive
RL = 10 Ω
50
mA
Output balance error
VO = 100 mV, f = 1 MHz
–54
dB
Closed-loop output Impedance
f = 1 MHz
0.3
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal bandwidth
150
MHz
Slew rate
60
V/
μs
Gain
1
V/V
Output common-mode offset
–0.5 V < CM < 0.5 V
4
mV
from CM input
CM input bias current
–0.5 V < CM < 0.5 V
±40
μA
C
CM input voltage range
–1.5 to 1.5
V
CM input impedance
20 || 1
k
Ω || pF
CM default voltage
0
V
POWER SUPPLY
Quiescent current
34.8
mA
Power-supply rejection (±PSRR)
80
dB
POWER-DOWN
Enable voltage threshold
Referenced to VS–, assured on above 2.1 V + VS–
> 2.1
V
Disable voltage threshold
Assured off below 0.7 V + VS–
< 0.7
V
Power-down quiescent current
0.46
mA
Input bias current
PD = VS–
65
μA
Input impedance
50 || 2
k
Ω || pF
Turn-on time delay
Measured to output on
100
ns
Turn-off time delay
Measured to output off
10
μs
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: THS4513


Similar Part No. - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 TI-THS4509 Datasheet
1,002Kb / 23P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com