Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCB1206GD122TR030QYF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCB1206GD122TR030QYF
Description  Ferrite Chip Beads For Automotive Use
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB1206GD122TR030QYF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCB1206GD122TR030QYF Datasheet HTML 1Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 2Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 3Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 4Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 5Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 6Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 7Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 8Page - NIC-Components Corp. NCB1206GD122TR030QYF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads For Automotive Use
NCB_QY Series
STANDARD VALUES AND CASE SIZES (mm)
EIA
Size
NIC
Part Number
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
A
(mm)
B
(mm)
C
(mm)
D
(mm)
0805
NCB0805GE181TR060QYF
180 ± 25%
0.20
600
2.0 +0.3/-0.1
1.25 ±0.2
0.85 ±0.2
0.5 ±0.3
NCB0805GE301TR050QYF
300 ± 25%
0.20
500
NCB0805GE501TR050QYF
500 ± 25%
0.30
500
NCB0805GE601TR050QYF
600 ± 25%
0.30
500
NCB0805GE102TR050QYF
1000 ± 25%
0.35
500
NCB0805GU100TR220QYF
0 ~ 15
0.04
2200
NCB0805GU170TR200QYF
17 ± 25%
0.04
2000
NCB0805GU300TR150QYF
30 ± 25%
0.05
1500
NCB0805GU470TR150QYF
47 ± 25%
0.05
1500
NCB0805GU700TR100QYF
70 ± 25%
0.10
1000
NCB0805GU121TR080QYF
120 ± 25%
0.15
800
NCB0805GU221TR060QYF
220 ± 25%
0.20
600
NCB0805GU301TR050QYF
300 ± 25%
0.20
500
NCB0805GU421TR050QYF
420 ± 25%
0.25
500
NCB0805GU601TR050QYF
600 ± 25%
0.30
500
NCB0805GU102TR050QYF
1000 ± 25%
0.40
500
1206
NCB1206GD000TR220QYF
0 ~ 15
0.03
2200
3.2 ± 0.20
1.6 ± 0.20
0.85 ± 0.2
0.85 ± 0.2
NCB1206GD310TR200QYF
31 ± 25%
0.05
2000
NCB1206GD600TR100QYF
60 ± 25%
0.10
1000
NCB1206GD800TR100QYF
80 ± 25%
0.10
1000
NCB1206GD121TR100QYF
120 ± 25%
0.10
1000
NCB1206GD221TR060QYF
220 ± 25%
0.20
600
NCB1206GD301TR060QYF
300 ± 25%
0.20
600
NCB1206GD501TR060QYF
500 ± 25%
0.30
600
NCB1206GD601TR060QYF
600 ± 25%
0.30
600
NCB1206GD102TR050QYF
1000 ± 25%
0.60
500
NCB1206GD122TR030QYF
1200 ± 25%
0.60
300
NCB1206GU310TR200QYF
31 ± 25%
0.05
2000
NCB1206GU700TR100QYF
70 ± 25%
0.10
1000
NCB1206GU301TR060QYF
300 ± 25%
0.20
600
NCB1206GU601TR060QYF
600 ± 25%
0.30
600


Similar Part No. - NCB1206GD122TR030QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B101TR090F NIC-NCB1206B101TR090F Datasheet
247Kb / 4P
   Ferrite Chip Beads
NCB1206B102TR030F NIC-NCB1206B102TR030F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B102TR030F NIC-NCB1206B102TR030F Datasheet
247Kb / 4P
   Ferrite Chip Beads
More results

Similar Description - NCB1206GD122TR030QYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCBHY NIC-NCBHY Datasheet
893Kb / 7P
   Ferrite Chip Beads For Automotive Use
logo
Murata Manufacturing Co...
BLM21BD272SH1L MURATA-BLM21BD272SH1L Datasheet
134Kb / 6P
   For Automotive Chip Ferrite Beads for Automotive
BLM21PG221SH1D MURATA-BLM21PG221SH1D Datasheet
66Kb / 3P
   For Automotive Chip Ferrite Beads for Automotive
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com