Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS04JR10TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NIS04JR10TRF
Description  0402/0603 Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIS04JR10TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NIS04JR10TRF Datasheet HTML 1Page - NIC-Components Corp. NIS04JR10TRF Datasheet HTML 2Page - NIC-Components Corp. NIS04JR10TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
2
0402/0603 Chip Inductors
1,000
100
10
1
L vs. Frequency Characteristics
Q vs. Frequency Characteristics
100
90
80
70
60
50
40
30
20
10
0
39nH
10nH
3.9nH
1.5nH
39nH
10nH
3.9nH
1.5nH
Frequency (MHz)
Frequency (MHz)
L (nH)
Q
SERIES
HIGH FREQUENCY TYPE
NIS Series
NIC
P/N
'L'
Inductance
(nH)
Tolerance
(std)
'Q'
Factor
(min.)
L & Q
Test
Freq.
SRF
MHz
(min.)
DC
Resistance
(ohms) Max.
Rated
DC Current
(mA) Max.
NIS04D1N0TRF
1.0
±0.3nH(D)
8.0
100 MHz
6000
0.05
400
NIS04D1N2TRF
1.2
±0.3nH(D)
8.0
100 MHz
6000
0.06
400
NIS04D1N5TRF
1.5
±0.3nH(D)
8.0
100 MHz
6000
0.07
400
NIS04D1N8TRF
1.8
±0.3nH(D)
8.0
100 MHz
6000
0.08
400
NIS04D2N0TRF
2.0
±0.3nH(D)
8.0
100 MHz
6000
0.08
400
NIS04D2N2TRF
2.2
±0.3nH(D)
8.0
100 MHz
6000
0.09
400
NIS04D2N4TRF
2.4
±0.3nH(D)
8.0
100 MHz
6000
0.09
400
NIS04D2N7TRF
2.7
±0.3nH(D)
8.0
100 MHz
5500
0.10
400
NIS04D3N0TRF
3.0
±0.3nH(D)
8.0
100 MHz
5500
0.11
400
NIS04D3N3TRF
3.3
±0.3nH(D)
8.0
100 MHz
5500
0.12
400
NIS04D3N6TRF
3.6
±0.3nH(D)
8.0
100 MHz
5300
0.14
380
NIS04D3N9TRF
3.9
±0.3nH(D)
8.0
100 MHz
5200
0.15
360
NIS04D4N3TRF
4.3
±0.3nH(D)
8.0
100 MHz
5000
0.16
360
NIS04D4N7TRF
4.7
±0.3nH(D)
8.0
100 MHz
4800
0.17
360
NIS04D5N1TRF
5.1
±0.3nH(D)
8.0
100 MHz
4700
0.18
350
NIS04D5N6TRF
5.6
±0.3nH(D)
8.0
100 MHz
4600
0.19
340
NIS04D6N2TRF
6.2
±0.3nH(D)
8.0
100 MHz
4300
0.25
330
NIS04J6N8TRF
6.8
±5% (J)
8.0
100 MHz
4000
0.35
320
NIS04J7N5TRF
7.5
±5% (J)
8.0
100 MHz
3700
0.33
320
NIS04J8N2TRF
8.2
±5% (J)
8.0
100 MHz
3500
0.30
320
NIS04J9N1TRF
9.1
±5% (J)
8.0
100 MHz
3100
0.38
320
NIS04J10NTRF
10
±5% (J)
8.0
100 MHz
2800
0.41
320
NIS04J11NTRF
11
±5% (J)
8.0
100 MHz
2800
0.43
320
NIS04J12NTRF
12
±5% (J)
8.0
100 MHz
2800
0.45
320
NIS04J13NTRF
13
±5% (J)
8.0
100 MHz
2600
0.53
280
NIS04J15NTRF
15
±5% (J)
8.0
100 MHz
2500
0.60
240
NIS04J16NTRF
16
±5% (J)
8.0
100 MHz
2300
0.65
240
NIS04J18NTRF
18
±5% (J)
8.0
100 MHz
2200
0.70
240
NIS04J20NTRF
20
±5% (J)
8.0
100 MHz
2100
0.75
220
NIS04J22NTRF
22
±5% (J)
8.0
100 MHz
2000
0.80
200
NIS04J24NTRF
24
±5% (J)
8.0
100 MHz
1900
1.00
200
NIS04J27NTRF
27
±5% (J)
8.0
100 MHz
1800
1.20
200
NIS04J30NTRF
30
±5% (J)
8.0
100 MHz
1800
1.30
190
NIS04J33NTRF
33
±5% (J)
8.0
100 MHz
1800
1.40
170
NIS04J36NTRF
36
±5% (J)
8.0
100 MHz
1800
1.60
160
NIS04J39NTRF
39
±5% (J)
8.0
100 MHz
1800
1.70
150
NIS04J43NTRF
43
±5% (J)
8.0
100 MHz
1800
1.90
150
NIS04J47NTRF
47
±5% (J)
8.0
100 MHz
1800
2.10
140
NIS04J56NTRF
56
±5% (J)
8.0
100 MHz
1500
2.50
130
NIS04J68NTRF
68
±5% (J)
8.0
100 MHz
1500
4.00
120
NIS04J82NTRF
82
±5% (J)
8.0
100 MHz
1400
4.50
110
NIS04JR10TRF
100
±5% (J)
8.0
100 MHz
1200
5.50
90


Similar Part No. - NIS04JR10TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1050MNTBG ONSEMI-NIS1050MNTBG Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1161 ONSEMI-NIS1161 Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
More results

Similar Description - NIS04JR10TRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
   0603 Chip Inductors
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
   CWF1610 Series - 0603 Chip Inductors
logo
Coilcraft lnc.
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
   Chip Inductors - 0201DS Series(0603)
logo
AVX Corporation
0402 AVX-0402_15 Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0402 package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com