Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI121H101K-F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NLI121H101K-F
Description  NLI Radial Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI121H101K-F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NLI121H101K-F Datasheet HTML 1Page - NIC-Components Corp. NLI121H101K-F Datasheet HTML 2Page - NIC-Components Corp. NLI121H101K-F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__H Series
NLI Radial Power Inductors
NLI121H STANDARD VALUES (H = 15.5mm x D = 15.0mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
SRF
(MHz) min.
DCR
(
Ω) max.
I sat
(A)
I rms
(A)
Dim. E
(ref.)
NLI121H100M _ F
10
±20%
20
2.52MHz
19
0.023
8
5.1
0.9
NLI121H150K _ F
15
±10%
20
2.52MHz
12
0.028
6.5
4.5
0.9
NLI121H220K _ F
22
±10%
20
2.52MHz
7.6
0.035
5.5
4.2
0.8
NLI121H330K _ F
33
±10%
20
2.52MHz
6.9
0.043
4.5
3.7
0.7
NLI121H470K _ F
47
±10%
20
2.52MHz
5.6
0.052
3.6
3.4
0.7
NLI121H680K _ F
68
±10%
20
2.52MHz
4.4
0.068
3.1
3
0.7
NLI121H101K _ F
100
±10%
20
796KHz
3.3
0.097
2.6
2.5
0.6
NLI121H151K _ F
150
±10%
20
796KHz
2.6
0.14
2.1
2.1
0.55
NLI121H221K _ F
220
±10%
20
796KHz
2.2
0.2
1.7
1.7
0.5
NLI121H331K _ F
330
±10%
20
796KHz
1.8
0.3
1.4
1.4
0.45
PACKAGING QUANTITIY
Series
Bulk (per bag)
NLI66H
100
NLI77H
100
NLI87H
100
NLI101H
100
NLI121H
80
DC I maximum +25°C temperature rise,
ΔL -20% max.
* Contact NIC for other tolerance options. _ Add the letter "U" if sleeving is required.


Similar Part No. - NLI121H101K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI123C NIC-NLI123C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI123C100M___F NIC-NLI123C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI123C101K___F NIC-NLI123C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI123C102K___F NIC-NLI123C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI123C103K___F NIC-NLI123C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI121H101K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com