Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI182P2R2M-F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NLI182P2R2M-F
Description  NLI Radial Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI182P2R2M-F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NLI182P2R2M-F Datasheet HTML 1Page - NIC-Components Corp. NLI182P2R2M-F Datasheet HTML 2Page - NIC-Components Corp. NLI182P2R2M-F Datasheet HTML 3Page - NIC-Components Corp. NLI182P2R2M-F Datasheet HTML 4Page - NIC-Components Corp. NLI182P2R2M-F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__P Series
NLI Radial Power Inductors
NLI182P STANDARD VALUES (H = 21.5mm x D = 21.0mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
DCR
(
Ω) max.
I sat
(A)
Suggested Rated AC
Current
(A)
NLI182P1R0M _ F
1
±20%
0.003
60
11.4
NLI182P1R2M _ F
1.2
±20%
0.003
54
11.4
NLI182P1R5M _ F
1.5
±20%
0.003
48
11.4
NLI182P1R8M _ F
1.8
±20%
0.003
44
11.4
NLI182P2R2M _ F
2.2
±20%
0.004
40
11.4
NLI182P2R7M _ F
2.7
±20%
0.005
36
11.4
NLI182P3R3M _ F
3.3
±20%
0.005
33
11.4
NLI182P3R9M _ F
3.9
±20%
0.005
30
11.4
NLI182P4R7M _ F
4.7
±20%
0.005
28
11.4
NLI182P5R6M _ F
5.6
±20%
0.006
25
11.4
NLI182P6R8M _ F
6.8
±20%
0.007
23
11.4
NLI182P8R2M _ F
8.2
±20%
0.007
21
11.4
NLI182P100K _ F
10
±10%
0.009
19
11.4
NLI182P120K _ F
12
±10%
0.009
17
11.4
NLI182P150K _ F
15
±10%
0.013
15
9.0
NLI182P180K _ F
18
±10%
0.018
14
7.2
NLI182P220K _ F
22
±10%
0.019
13
7.2
NLI182P270K _ F
27
±10%
0.026
11
5.5
NLI182P330K _ F
33
±10%
0.029
10
5.5
NLI182P390K _ F
39
±10%
0.03
9.5
5.5
NLI182P470K _ F
47
±10%
0.035
8.8
5.5
NLI182P560K _ F
56
±10%
0.039
8.0
5.5
NLI182P680K _ F
68
±10%
0.053
7.2
4.8
NLI182P820K _ F
82
±10%
0.06
6.6
4.8
NLI182P101K _ F
100
±10%
0.08
6.0
4.0
NLI182P121K _ F
120
±10%
0.09
5.5
4.0
NLI182P151K _ F
150
±10%
0.098
4.8
4.0
NLI182P181K _ F
180
±10%
0.11
4.4
4.0
NLI182P221K _ F
220
±10%
0.15
4.0
2.8
NLI182P271K _ F
270
±10%
0.213
3.6
2.0
NLI182P331K _ F
330
±10%
0.305
3.3
1.6
NLI182P391K _ F
390
±10%
0.32
3.0
1.6
NLI182P471K _ F
470
±10%
0.355
2.7
1.6
NLI182P561K _ F
560
±10%
0.388
2.5
1.6
NLI182P681K _ F
680
±10%
0.43
2.3
1.6
NLI182P821K _ F
820
±10%
0.59
2.1
1.3
NLI182P102K _ F
1000
±10%
0.818
1.9
1.0
NLI182P122K _ F
1200
±10%
1.14
1.7
0.8
NLI182P152K _ F
1500
±10%
1.26
1.5
0.8
NLI182P182K _ F
1800
±10%
1.39
1.4
0.8
NLI182P222K _ F
2200
±10%
1.54
1.2
0.8
Isat
ΔL -10% max., ΔT +25°C max.
* Contact NIC for other tolerance options.
_ Insert letter "U" if sleeving is required


Similar Part No. - NLI182P2R2M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C101K___F NIC-NLI100C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C102K___F NIC-NLI100C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C103K___F NIC-NLI100C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI182P2R2M-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com