Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4601 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4601
Description  HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4601 Datasheet(HTML) 2 Page - Texas Instruments

  THS4601 Datasheet HTML 1Page - Texas Instruments THS4601 Datasheet HTML 2Page - Texas Instruments THS4601 Datasheet HTML 3Page - Texas Instruments THS4601 Datasheet HTML 4Page - Texas Instruments THS4601 Datasheet HTML 5Page - Texas Instruments THS4601 Datasheet HTML 6Page - Texas Instruments THS4601 Datasheet HTML 7Page - Texas Instruments THS4601 Datasheet HTML 8Page - Texas Instruments THS4601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
THS4631
SLOS451B
– DECEMBER 2004 – REVISED AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNITS
VS
Supply voltage, VS– to VS+
33 V
VI
Input voltage
±VS
IO
(2)
Output current
150 mA
Continuous power dissipation
See Dissipation Rating Table
TJ
Maximum junction temperature(2)
150
°C
TA
Operating free-air temperature, continues operation, long-term reliability(2)
125
°C
Tstg
Storage temperature range
–65°C to 150°C
HBM
1000 V
ESD ratings:
CDM
1500 V
MM
100 V
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
PACKAGE DISSIPATION RATINGS
POWER RATING(1) (TJ =125°C)
PACKAGE
θJC (°C/W)
θJA (°C/W)
TA ≤ 25°C
TA = 85°C
D (8)(2)
38.3
95
1.1 W
0.47 W
DDA (8)
9.2
45.8
2.3 W
0.98 W
DGN (8)
4.7
58.4
2.14 W
1.11 W
(1)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance.
(2)
This data was taken using the JEDEC standard High-K test PCB.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNITS
Dual Supply
±5
±15
VS
Supply Voltage
V
Single Supply
10
30
TA
Operating free-air temperature
-40
85
°C
2
Copyright
© 2004–2011, Texas Instruments Incorporated


Similar Part No. - THS4601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601 TI-THS4601 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
THS4601 TI1-THS4601 Datasheet
986Kb / 31P
[Old version datasheet]   180MHZ HIFH SPEED AMPLIFIERS
THS4601CD TI-THS4601CD Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601CD TI1-THS4601CD Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - THS4601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4631 NSC-THS4631 Datasheet
1Mb / 34P
   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4631 TI-THS4631 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-VOLTAGE, HIGH SLEW RATE, WIDEBAND FET-INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
logo
Renesas Technology Corp
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
   High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
logo
Intersil Corporation
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com