Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7316DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DRG4
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7316DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS7316DRG4 Datasheet HTML 2Page - Texas Instruments THS7316DRG4 Datasheet HTML 3Page - Texas Instruments THS7316DRG4 Datasheet HTML 4Page - Texas Instruments THS7316DRG4 Datasheet HTML 5Page - Texas Instruments THS7316DRG4 Datasheet HTML 6Page - Texas Instruments THS7316DRG4 Datasheet HTML 7Page - Texas Instruments THS7316DRG4 Datasheet HTML 8Page - Texas Instruments THS7316DRG4 Datasheet HTML 9Page - Texas Instruments THS7316DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
5
8
7
6
V
S +
GND
CH. 2 IN
CH. 3 IN
CH. 1 IN
CH.3 OUT
CH.2 OUT
CH.1 OUT
1
2
3
4
+VS
R
TERM
0.1 mF
100 mF
+
R
TERM
R
TERM
R
SOURCE
R
LOAD
R
LOAD
R
LOAD
V
SOURCE
DUT
470 mF
+
470 mF
+
+
5
8
7
6
V
S +
GND
CH. 2 IN
CH. 3 IN
CH. 1 IN
CH.3 OUT
CH.2 OUT
CH.1 OUT
1
2
3
4
+VS
R
TERM
0.1 mF
100 mF
+
R
TERM
R
TERM
R
SOURCE
V
SOURCE
DUT
R
LOAD
RLOAD
RLOAD
0.1 mF
470 mF
0.1 mF
0.1 mF
C
IN
C
IN
C
IN
THS7316
SLOS521A – MARCH 2007 – REVISED JANUARY 2008
Figure 2. DC Coupled Input and Output Test Circuit
Figure 3. AC Coupled Input and Output Test Circuit
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s) :THS7316


Similar Part No. - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DRG4 TI-THS7316DRG4 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI-THS7316DRG4 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI1-THS7316DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com