Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7364IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS7364IPWR
Description  6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7364IPWR Datasheet(HTML) 5 Page - Texas Instruments

  THS7364IPWR Datasheet HTML 1Page - Texas Instruments THS7364IPWR Datasheet HTML 2Page - Texas Instruments THS7364IPWR Datasheet HTML 3Page - Texas Instruments THS7364IPWR Datasheet HTML 4Page - Texas Instruments THS7364IPWR Datasheet HTML 5Page - Texas Instruments THS7364IPWR Datasheet HTML 6Page - Texas Instruments THS7364IPWR Datasheet HTML 7Page - Texas Instruments THS7364IPWR Datasheet HTML 8Page - Texas Instruments THS7364IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
THS7364
www.ti.com
SBOS530 – AUGUST 2010
ELECTRICAL CHARACTERISTICS: VS+ = +3.3 V (continued)
At TA = +25°C, RL = 150 Ω to GND, Filter mode, and dc-coupled input/output, unless otherwise noted.
THS7364
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
POWER SUPPLY
Operating voltage
2.6
3.3
5.5
V
B
VIN = 0 V, all channels on
18.8
23.4
28.5
mA
A
VIN = 0 V, SD channels on, FHD channels off
5.6
6.9
9
mA
A
Total quiescent current, no load
VIN = 0 V, SD channels off, FHD channels on
13.2
16.5
19.5
mA
A
VIN = 0 V, all channels off, VDISABLE = 3 V
0.1
10
mA
A
Power-supply rejection ratio
At dc
52
dB
C
(PSRR)
LOGIC CHARACTERISTICS(4)
VIH
Disabled or Bypass engaged
1.6
1.4
V
A
VIL
Enabled or Bypass disengaged
0.75
0.6
V
A
IIH
Applied voltage = 3.3 V
1
mA
C
IIL
Applied voltage = 0 V
1
mA
C
Disable time
200
ns
C
Enable time
250
ns
C
Bypass/filter switch time
15
ns
C
(4)
The logic input pins default to a logic '0' condition when left floating.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS7364


Similar Part No. - THS7364IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7364IPWR TI-THS7364IPWR Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
More results

Similar Description - THS7364IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
[Old version datasheet]   6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7368 TI-THS7368 Datasheet
978Kb / 39P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7372 TI1-THS7372 Datasheet
1Mb / 49P
[Old version datasheet]   4-Channel Video Amplifier with One CVBS and Three Full-HD Filters with 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
[Old version datasheet]   4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com