Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-HD220_TRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NIN-HD220_TRF
Description  Wirewound Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HD220_TRF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NIN-HD220_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HD220_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
20
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
INDUCTANCE
VALUE (nH)
INDUCTANCE
TOLERANCE
FREQUENCY
L/Q(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current (mA)
NIN-HA3N9_TRF
3.9
G, J, K
100/300
30@300MHz
6000
0.05
1000
NIN-HA4N7_TRF
4.7
G, J, K
100/300
30@300MHz
5800
0.065
1000
NIN-HA8N2_TRF
8.2
G, J, K
100/300
30@300MHz
5500
0.07
1000
NIN-HA100_TRF
10
G, J, K
100/300
40@300MHz
4000
0.08
1000
NIN-HA120_TRF
12
G, J, K
100/300
40@300MHz
3200
0.08
1000
NIN-HA150_TRF
15
G, J, K
100/300
40@300MHz
3200
0.1
1000
NIN-HA180_TRF
18
G, J, K
100/300
50@300MHz
2800
0.1
1000
NIN-HA220_TRF
22
G, J, K
100/300
50@300MHz
2200
0.1
1000
NIN-HA270_TRF
27
G, J, K
100/300
50@300MHz
1800
0.11
1000
NIN-HA330_TRF
33
G, J, K
100/300
55@300MHz
1800
0.11
1000
NIN-HA390_TRF
39
G, J, K
100/300
55@300MHz
1500
0.12
1000
NIN-HA430_TRF
43
G, J, K
100/300
55@300MHz
1500
0.12
1000
NIN-HA470_TRF
47
G, J, K
100/300
55@300MHz
1500
0.13
1000
NIN-HA560_TRF
56
G, J, K
100/300
55@300MHz
1450
0.14
1000
NIN-HA680_TRF
68
G, J, K
100/300
55@300MHz
1200
0.15
900
NIN-HA820_TRF
82
G, J, K
100/300
55@300MHz
1000
0.2
900
NIN-HAR10_TRF
100
G, J, K
100/300
55@300MHz
900
0.2
850
NIN-HAR12_TRF
120
G, J, K
100/300
60@300MHz
800
0.25
800
NIN-HAR15_TRF
150
G, J, K
100/300
60@300MHz
700
0.25
750
NIN-HAR18_TRF
180
G, J, K
50/300
60@300MHz
650
0.3
700
NIN-HAR22_TRF
220
G, J, K
50/300
60@300MHz
650
0.4
770
NIN-HAR27_TRF
270
G, J, K
50/300
40@300MHz
580
0.4
630
NIN-HAR33_TRF
330
G, J, K
50/150
45@150MHz
580
0.58
590
NIN-HAR39_TRF
390
G, J, K
50/150
45@150MHz
510
0.58
530
NIN-HAR47_TRF
470
G, J, K
50/150
45@150MHz
480
0.8
490
NIN-HAR56_TRF
560
G, J, K
35/150
45@150MHz
420
1.1
460
NIN-HAR68_TRF
680
G, J, K
35/150
45@150MHz
400
1.2
430
NIN-HAR82_TRF
820
G, J, K
35/150
45@150MHz
370
1.82
400
NIN-HA1R0_TRF
1000
G, J, K
35/150
45@150MHz
340
1.85
320
NIN-HA1R2_TRF
1200
G, J, K
35/150
35@150MHz
220
1.87
300
NIN-HA1R5_TRF
1500
G, J, K
7.9/50
20@50MHz
160
1.95
310
NIN-HA1R8_TRF
1800
G, J, K
7.9/50
30@50MHz
160
2.25
310
NIN-HA2R2_TRF
2200
G, J, K
7.9/50
25@50MHz
130
2.41
310
NIN-HA2R7_TRF
2700
G, J, K
7.9/50
25@50MHz
110
2.85
300
NIN-HA3R0_TRF
3000
G, J, K
7.9/25
20@25MHz
110
3.12
300
NIN-HA3R9_TRF
3900
G, J, K
7.9/25
20@25MHz
60
3.6
290
NIN-HA4R7_TRF
4700
G, J, K
7.9/25
20@25MHz
60
4
280
NIN-HA5R6_TRF
5600
G, J, K
7.9/25
15@25MHz
50
5
250
NIN-HA6R8_TRF
6800
G, J, K
7.9
15@7.9MHz
40
8
230
NIN-HA8R6_TRF
8600
G, J, K
7.9
15@7.9MHz
40
9
200
NIN-HA SERIES
D-SIZE (1210)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.


Similar Part No. - NIN-HD220_TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HD220JTRF NIC-NIN-HD220JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
NIN-HD220JTRF NIC-NIN-HD220JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HD220_TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com