Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIS06J18NTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NIS06J18NTRF
Description  0402/0603 Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIS06J18NTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NIS06J18NTRF Datasheet HTML 1Page - NIC-Components Corp. NIS06J18NTRF Datasheet HTML 2Page - NIC-Components Corp. NIS06J18NTRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
0402/0603 Chip Inductors
FEATURES
• LASER CUT SPIRAL COIL OVER ALUMINA CORE
• SUPER MINIATURE EIA 0402 & 0603 SIZE IN RESIN ENCLOSED BODY
• HIGH Q AND SRF FOR HIGH FREQUENCY APPLICATIONS
• TIGHT TOLERANCES (D ± 0.3nH, G ± 2% or J ± 5%)
• BOTH FLOW AND REFLOW SOLDERING APPLICABLE
• EMBOSSED PLASTIC TAPE PACKAGE FOR AUTOMATIC PICK-PLACE
SPECIFICATIONS
ENVIRONMENTAL CHARACTERISTICS
Recommended land patterns for flow and reflow soldering
NIS Chip
PART AND LAND PATTERN DIMENSIONS (mm)
Land Pattern
PART NUMBER SYSTEM
NIS04 J 22N TR F
RoHS compliant
Packaging: TR = Tape & Reel
Inductance Code (N=decimal point)
(Ex. 2N2=2.2nH, 33N=33nH)
Tolerance Code (D=±0.3nH, G=±2%, J=±5%)
Series (04=0402, 06=0603)
C
A
B
DIMENSION (mm)
Resin Enclosure
Solder Plated Terminations
L
H
W
t
NIS Series
Test
Specification
Test Method & Condition
Solderability
90% Min. Coverage
After 3 Sec. Dip in +230°C Solder Pot (Post Flux)
Humidity Resistance
(1) No Evidence of Damage
(2) Inductance Shall Be Within
±5% of Initial Value
(3) Q Factor Shall Be Within
±20% of Initial Value
(±25% for 0201 Size)
After 500 Hrs. at +60°C & 90-95% RH (No Load)
Soldering Effect
After 10 Sec. at +260°C (5 Min., 120°C Pre-Heat)
Low Frequency Vibration
After 2 Hrs per Axis, 10~55Hz, 1.5mm Amplitude
Thermal Shock
After 100 Cycles (-40°C ~ +85°C) 30 Min. Each
Low Temperature Storage
After 500 Hrs. at -40°C
High Temperature Load Life
(1) No Evidence of Damage
(2) Inductance Shall Be Within
±10% of Initial Value
(3) Q Factor Shall Be Within
±20% of Initial Value
After 500 Hrs. at +85°C with Rated DC Current
Humidity Load Life
After 500 Hrs. at +60°C & 90-95% RH with Rated
DC Current
Inductance Range
1.0 ~ 220nH
Inductance Tolerance
D (±0.3nH), J (±5%)
Operating Temperature Range
-40°C ~ +85°C
Q-Factor, Self Resonant Frequency,
DC Resistance, Rated DC Current
and INductance Tolerance
See Individual
Product Listings
Series
L
W
H
t
A
B
C
NIS04 1.0±0.05 0.5±0.05 0.5±0.05
0.2±0.05
0.5~0.6
1.5~1.7
0.5~0.6
NIS06 1.6 0.05 0.8±0.15 0.8±0.15
0.3±0.2
0.8~1.0
2.0~2.6
0.7~0.9
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NIS06J18NTRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS1050 ONSEMI-NIS1050 Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1050MNTBG ONSEMI-NIS1050MNTBG Datasheet
119Kb / 5P
   Protection Interface Circuit for PMICs with Integrated OVP Control
July, 2009 ??Rev. 0
NIS1161 ONSEMI-NIS1161 Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
165Kb / 5P
   ESD Protection
July, 2015 ??Rev. 0
NIS1161MTTAG ONSEMI-NIS1161MTTAG Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
More results

Similar Description - NIS06J18NTRF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW105550A BOURNS-CW105550A Datasheet
323Kb / 3P
   0402 Chip Inductors
CW161009A BOURNS-CW161009A Datasheet
335Kb / 3P
   0603 Chip Inductors
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
logo
Bourns Electronic Solut...
CWF1610 BOURNS-CWF1610 Datasheet
332Kb / 3P
   CWF1610 Series - 0603 Chip Inductors
logo
Coilcraft lnc.
0201DS-0N5XKLU COILCRAFT-0201DS-0N5XKLU Datasheet
149Kb / 2P
   Chip Inductors - 0201DS Series(0603)
logo
AVX Corporation
0402 AVX-0402_15 Datasheet
178Kb / 3P
   AntennaGuard 0402/0603 Automotive Series
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0402 package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com