Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI68C101KF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NLI68C101KF
Description  NLI Radial Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI68C101KF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NLI68C101KF Datasheet HTML 1Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 2Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 3Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 4Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 5Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 6Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 7Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 8Page - NIC-Components Corp. NLI68C101KF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__C Series
NLI Radial Power Inductors
NPI68C STANDARD VALUES (H = 11.0mm x D = 7.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Q min.
Q Freq.
DCR
(
Ω) max.
DC I
(mA)
NLI68C3R3K_ _ _F
3.3
±10%
20
7.96MHz
0.016
3500
NLI68C4R7K_ _ _F
4.7
±10%
20
7.96MHz
0.020
3000
NLI68C6R8K_ _ _F
6.8
±10%
20
7.96MHz
0.022
2500
NLI68C100K_ _ _F
10
±10%
30
2.52MHz
0.039
2000
NLI68C150K_ _ _F
15
±10%
30
2.52MHz
0.045
1700
NLI68C220K_ _ _F
22
±10%
30
2.52MHz
0.062
1400
NLI68C330K_ _ _F
33
±10%
30
2.52MHz
0.10
1100
NLI68C470K_ _ _F
47
±10%
30
2.52MHz
0.15
950
NLI68C680K_ _ _F
68
±10%
30
2.52MHz
0.22
800
NLI68C101K_ _ _F
100
±10%
20
796KHz
0.35
650
NLI68C151K_ _ _F
150
±10%
20
796KHz
0.43
540
NLI68C221K_ _ _F
220
±10%
20
796KHz
0.90
440
NLI68C331K_ _ _F
330
±10%
20
796KHz
1.5
360
NLI68C471K_ _ _F
470
±10%
20
796KHz
1.8
300
NLI68C681K_ _ _F
680
±10%
20
796KHz
2.5
250
NLI68C102K_ _ _F
1,000
±10%
100
252KHz
3.2
200
NLI68C122K_ _ _F
1,200
±10%
70
252KHz
3.5
180
NLI68C152K_ _ _F
1,500
±10%
70
252KHz
4.5
170
NLI68C182K_ _ _F
1,800
±10%
70
252KHz
5.0
155
NLI68C222K_ _ _F
2,200
±10%
70
252KHz
6.8
140
NLI68C272K_ _ _F
2,700
±10%
70
252KHz
7.2
125
NLI68C332K_ _ _F
3,300
±10%
70
252KHz
10.5
115
NLI68C392K_ _ _F
3,900
±10%
70
252KHz
11.7
105
NLI68C472K_ _ _F
4,700
±10%
70
252KHz
13.6
95
NLI68C562K_ _ _F
5,600
±10%
70
252KHz
16.6
85
NLI68C682K_ _ _F
6,800
±10%
70
252KHz
19.6
80
NLI68C822K_ _ _F
8,200
±10%
70
252KHz
25.2
70
NLI68C103K_ _ _F
10,000
±10%
70
79.6KHz
29.5
65
NLI68C123K_ _ _F
12,000
±10%
50
79.6KHz
33.8
60
NLI68C153K_ _ _F
15,000
±10%
50
79.6KHz
45.4
55
NLI68C183K_ _ _F
18,000
±10%
50
79.6KHz
50.4
50
NLI68C223K_ _ _F
22,000
±10%
50
79.6KHz
80.0
45
NLI68C303K_ _ _F
30,000
±10%
50
79.6KHz
91.5
40
NLI68C333K_ _ _F
33,000
±10%
50
79.6KHz
98.5
35
NLI68C393K_ _ _F
39,000
±10%
50
79.6KHz
140
32
NLI68C473K_ _ _F
47,000
±10%
50
79.6KHz
160
30
NLI68C503K_ _ _F
50,000
±10%
50
79.6KHz
170
29
NLI68C563K_ _ _F
56,000
±10%
50
79.6KHz
250
28
NLI68C683K_ _ _F
68,000
±10%
50
79.6KHz
282
25
NLI68C823K_ _ _F
82,000
±10%
50
79.6KHz
312
23
NLI68C104K_ _ _F
100,000
±10%
30
25.2KHz
380
20
NLI68C124K_ _ _F
120,000
±10%
30
25.2KHz
430
18
NLI68C154K_ _ _F
150,000
±10%
30
25.2KHz
520
16
DC I maximum +20°C temperature rise,
ΔL -10% max.
* Contact NIC for other tolerance options.


Similar Part No. - NLI68C101KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI68C101K___F NIC-NLI68C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI68C101KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com