Electronic Components Datasheet Search |
|
NLI182P151K-F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NLI182P151K-F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 5 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® SPECIFICATIONS SUBJECT TO CHANGE NLI__P Series NLI Radial Power Inductors FEATURES • RADIAL LEADED POWER INDUCTOR • HIGH SATURATION CURRENT (UP TO 95 AMPS) • WIDE VALUE RANGE 1.0 μH ~ 15,000μH • AVAILABLE WITH HIGH TEMPERATURE SLEEVE • FOUR CASE SIZES (21.5X16.5mm ~ 28.0X40.0mm) • BULK PACKAGING ONLY CHARACTERISTICS *See Part Number System for Details RoHS Compliant includes all homogeneous materials Case Code NLI142P NLI182P NLI262P NLI352P Inductance Range ( μH) 1.0 μH ~ 560μH 1.0 μH ~ 2,200μH 1.0 μH ~ 4,700μH 1.8 μH ~ 15,000μH Ambient Operating Temperature Range -20°C ~ +80°C Maximum Component Temperature (Ambient + Self-Heating) +120°C Temperature Rise at Isat +25°C Inductance Change at Isat -10% Inductance Tolerance K (±10%), M (±20%) Series A max. B ± 3.0 S Typ. D max. F max. H min. NLI142P 21.5 15.0 12.0 16.5 1.5 3.0 NLI182P 21.5 15.0 15.0 21.0 1.5 3.0 NLI262P 21.5 15.0 22.0 28.0 1.5 5.0 NLI352P 28.0 15.0 30.0 40.0 1.5 3.6 DIMENSIONS (mm) NLI 142 P 4R7 K F RoHS Compliant Inductance Tolerance Code: K = ±10%, M = ±20% Inductance Code ( μH): 1st two digits are significant, 3rd digit is multiplier for values from 10 μH and up. Construction Code (see drawing for details) Size Code (see table for details) Series PART NUMBER SYSTEM U = Optional Black UL Sleeving (blank for no sleeving) A S B F D E A S B F D1 E No Sleeve With UL Sleeve H H Center Hole for Mechanical Mounting Center Hole for Mechanical Mounting PACKAGING QUANTITIY Series Bulk (per bag) NLI142P 168 NLI182P 108 NLI262P 30 NLI352P 30 |
Similar Part No. - NLI182P151K-F |
|
Similar Description - NLI182P151K-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |