Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI182P391K-F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NLI182P391K-F
Description  NLI Radial Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI182P391K-F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NLI182P391K-F Datasheet HTML 1Page - NIC-Components Corp. NLI182P391K-F Datasheet HTML 2Page - NIC-Components Corp. NLI182P391K-F Datasheet HTML 3Page - NIC-Components Corp. NLI182P391K-F Datasheet HTML 4Page - NIC-Components Corp. NLI182P391K-F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__P Series
NLI Radial Power Inductors
FEATURES
• RADIAL LEADED POWER INDUCTOR
• HIGH SATURATION CURRENT (UP TO 95 AMPS)
• WIDE VALUE RANGE 1.0
μH ~ 15,000μH
• AVAILABLE WITH HIGH TEMPERATURE SLEEVE
• FOUR CASE SIZES (21.5X16.5mm ~ 28.0X40.0mm)
• BULK PACKAGING ONLY
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
NLI142P
NLI182P
NLI262P
NLI352P
Inductance Range (
μH)
1.0
μH ~ 560μH
1.0
μH ~ 2,200μH
1.0
μH ~ 4,700μH
1.8
μH ~ 15,000μH
Ambient Operating Temperature Range
-20°C ~ +80°C
Maximum Component Temperature
(Ambient + Self-Heating)
+120°C
Temperature Rise at Isat
+25°C
Inductance Change at Isat
-10%
Inductance Tolerance
K (±10%), M (±20%)
Series
A max.
B ± 3.0
S Typ.
D max.
F max.
H min.
NLI142P
21.5
15.0
12.0
16.5
1.5
3.0
NLI182P
21.5
15.0
15.0
21.0
1.5
3.0
NLI262P
21.5
15.0
22.0
28.0
1.5
5.0
NLI352P
28.0
15.0
30.0
40.0
1.5
3.6
DIMENSIONS (mm)
NLI 142 P 4R7 K
F
RoHS Compliant
Inductance Tolerance Code: K = ±10%, M = ±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
U = Optional Black UL Sleeving (blank for no sleeving)
A
S
B
F
D
E
A
S
B
F
D1
E
No Sleeve
With UL Sleeve
H
H
Center Hole
for
Mechanical Mounting
Center Hole
for
Mechanical Mounting
PACKAGING QUANTITIY
Series
Bulk (per bag)
NLI142P
168
NLI182P
108
NLI262P
30
NLI352P
30


Similar Part No. - NLI182P391K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C101K___F NIC-NLI100C101K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C102K___F NIC-NLI100C102K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C103K___F NIC-NLI100C103K___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI182P391K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com