Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI85D103KF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NLI85D103KF
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI85D103KF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NLI85D103KF Datasheet HTML 1Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 2Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 3Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 4Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 5Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 6Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 7Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 8Page - NIC-Components Corp. NLI85D103KF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
NPI65D STANDARD VALUES (H = 5.2mm x D = 6.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI65D220K _ _ _F
22
±10%
2.52MHz
0.18
0.90
NLI65D270K _ _ _F
27
±10%
2.52MHz
0.21
0.81
NLI65D330K _ _ _F
33
±10%
2.52MHz
0.27
0.74
NLI65D390K _ _ _F
39
±10%
2.52MHz
0.29
0.68
NLI65D470K _ _ _F
47
±10%
2.52MHz
0.34
0.62
NLI65D560K _ _ _F
56
±10%
2.52MHz
0.42
0.57
NLI65D680K _ _ _F
68
±10%
2.52MHz
0.48
0.51
NLI65D820K _ _ _F
82
±10%
2.52MHz
0.55
0.47
NLI65D101K _ _ _F
100
±10%
1KHz
0.68
0.42
NLI65D121K _ _ _F
120
±10%
1KHz
0.77
0.39
NLI65D151K _ _ _F
150
±10%
1KHz
0.95
0.35
NLI65D181K _ _ _F
180
±10%
1KHz
1.15
0.32
NLI65D221K _ _ _F
220
±10%
1KHz
1.30
0.29
NLI65D271K _ _ _F
270
±10%
1KHz
1.55
0.26
NLI65D331K _ _ _F
330
±10%
1KHz
2.18
0.23
NLI65D391K _ _ _F
390
±10%
1KHz
2.47
0.21
NLI65D471K _ _ _F
470
±10%
1KHz
2.92
0.20
NLI65D561K _ _ _F
560
±10%
1KHz
3.97
0.18
NLI65D681K _ _ _F
680
±10%
1KHz
4.57
0.16
NLI65D821K _ _ _F
820
±10%
1KHz
5.28
0.15
NLI65D102K _ _ _F
1000
±10%
1KHz
7.06
0.13
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.
CIRCUIT
TWO LEADS


Similar Part No. - NLI85D103KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI85D103K___F NIC-NLI85D103K___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI85D103KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com