Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-HC820_TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NIN-HC820_TRF
Description  Wirewound Chip Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HC820_TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NIN-HC820_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HC820_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
16
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Wirewound Chip Inductors
NIN-H Series
NIN-HJ SERIES
J-SIZE (0603)
STANDARD VALUES
NIC
P/N
INDUCTANCE
TOLERANCE
INDUCTANCE
VALUE (nH)
FREQUENCY
(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current
(mA)
NIN-HJ1N8_TRF
J,K,M
1.8
250
16@250MHz
6000
0.10
700
NIN-HJ3N9_TRF
J,K,M
3.9
250
20@250MHz
6000
0.10
700
NIN-HJ4N7_TRF
J,K,M
4.7
250
10@250MHz
5800
0.25
700
NIN-HJ6N8_TRF
J,K,M
6.8
250
25@250MHz
5800
0.11
700
NIN-HJ8N2_TRF
J,K,M
8.2
250
30@250MHz
4200
0.13
700
NIN-HJ100_TRF
J,K,M
10
250
30@250MHz
4800
0.13
700
NIN-HJ120_TRF
G,J,K,M
12
250
30@250MHz
4000
0.13
700
NIN-HJ150_TRF
G,J,K,M
15
250
30@250MHz
4000
0.19
700
NIN-HJ180_TRF
G,J,K,M
18
250
30@250MHz
3100
0.20
700
NIN-HJ220_TRF
G,J,K,M
22
250
35@250MHz
3000
0.23
700
NIN-HJ270_TRF
G,J,K,M
27
250
35@250MHz
2800
0.20
600
NIN-HJ330_TRF
G,J,K,M
33
250
35@250MHz
2300
0.22
600
NIN-HJ390_TRF
G,J,K,M
39
250
35@250MHz
2200
0.25
600
NIN-HJ470_TRF
G,J,K,M
47
200
35@250MHz
2000
0.35
600
NIN-HJ560_TRF
G,J,K,M
56
200
35@250MHz
1900
0.38
600
NIN-HJ680_TRF
G,J,K,M
68
200
35@250MHz
1700
0.46
600
NIN-HJ720_TRF
G,J,K,M
72
150
34@250MHz
1700
0.46
400
NIN-HJ820_TRF
G,J,K,M
82
150
34@250MHz
1700
0.46
400
NIN-HJR10_TRF
G,J,K,M
100
150
34@250MHz
1400
0.52
400
NIN-HJR11_TRF
G,J,K,M
110
150
32@250MHz
1350
0.79
300
NIN-HJR12_TRF
G,J,K,M
120
150
32@250MHz
1300
0.82
300
NIN-HJR15_TRF
G,J,K,M
150
150
28@150MHz
990
1.00
280
NIN-HJR18_TRF
G,J,K,M
180
100
25@100MHz
990
1.20
240
NIN-HJR22_TRF
G,J,K,M
220
100
25@100MHz
990
2.00
200
NIN-HJR27_TRF
G,J,K,M
270
100
24@100MHz
990
2.30
170


Similar Part No. - NIN-HC820_TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HC820JTRF NIC-NIN-HC820JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
NIN-HC820JTRF NIC-NIN-HC820JTRF Datasheet
132Kb / 6P
   SIZES K(0402), J (0603), D (0805) AND C (1008)
More results

Similar Description - NIN-HC820_TRF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com