Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4020B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4020B
Description  14-stage binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4020B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4020B Datasheet HTML 4Page - NXP Semiconductors HEF4020B Datasheet HTML 5Page - NXP Semiconductors HEF4020B Datasheet HTML 6Page - NXP Semiconductors HEF4020B Datasheet HTML 7Page - NXP Semiconductors HEF4020B Datasheet HTML 8Page - NXP Semiconductors HEF4020B Datasheet HTML 9Page - NXP Semiconductors HEF4020B Datasheet HTML 10Page - NXP Semiconductors HEF4020B Datasheet HTML 11Page - NXP Semiconductors HEF4020B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HEF4020B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 November 2011
8 of 14
NXP Semiconductors
HEF4020B
14-stage binary counter
a. Input waveforms
b. Test circuit
Test data is given in Table 10.
Definitions for test circuit:
DUT = Device Under Test.
CL = load capacitance including jig and probe capacitance.
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
90 %
10 %
tf
tr
tr
tf
001aaj781
VDD
VI
VO
001aag182
DUT
CL
RT
G
Table 10.
Test data
Supply voltage
Input
Load
VDD
VI
tr, tf
CL
5 V to 15 V
VSS or VDD
 20 ns
50 pF


Similar Part No. - HEF4020B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
HEF4020B NXP-HEF4020B Datasheet
88Kb / 13P
   14-stage binary counter
Rev. 04-4 December 2008
logo
Nexperia B.V. All right...
HEF4020B NEXPERIA-HEF4020B Datasheet
217Kb / 11P
   14-stage binary counter
Rev. 11 - 7 December 2021
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
   14-stage binary counter
logo
NXP Semiconductors
HEF4020BD PHILIPS-HEF4020BD Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
More results

Similar Description - HEF4020B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
   14 STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
   14-stage Binary Counter
logo
Fairchild Semiconductor
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
   14 Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020_15 Datasheet
114Kb / 9P
   14-stage Binary Counter
logo
Nexperia B.V. All right...
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
   14-stage binary counter
logo
Hitachi Semiconductor
HD74HC4020 HITACHI-HD74HC4020 Datasheet
53Kb / 9P
   14-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com