Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI87D471KF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NLI87D471KF
Description  NLI Radial Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI87D471KF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NLI87D471KF Datasheet HTML 6Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 7Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 8Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 9Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 10Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 11Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 12Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 13Page - NIC-Components Corp. NLI87D471KF Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI__D Series
NLI Radial Power Inductors
NPI106D STANDARD VALUES (H = 6.5mm x D = 10.5mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
Test Freq.
DCR (
Ω) max.
DCI (A) max.
NLI106D100M_ _ _F
10
±20%
2.52MHz
0.040
3.6
NLI106D120M_ _ _F
12
±20%
2.52MHz
0.044
3.3
NLI106D150M_ _ _F
15
±20%
2.52MHz
0.058
2.9
NLI106D180M_ _ _F
18
±20%
2.52MHz
0.064
2.7
NLI106D220M_ _ _F
22
±20%
2.52MHz
0.088
2.4
NLI106D270M_ _ _F
27
±20%
2.52MHz
0.10
2.2
NLI106D330K_ _ _F
33
±10%
2.52MHz
0.11
2.0
NLI106D390K_ _ _F
39
±10%
2.52MHz
0.14
1.8
NLI106D470K_ _ _F
47
±10%
2.52MHz
0.16
1.7
NLI106D560K_ _ _F
56
±10%
2.52MHz
0.19
1.5
NLI106D680K_ _ _F
68
±10%
2.52MHz
0.22
1.4
NLI106D820K_ _ _F
82
±10%
2.52MHz
0.29
1.3
NLI106D101K_ _ _F
100
±10%
1KHz
0.32
1.3
NLI106D121K_ _ _F
120
±10%
1KHz
0.38
1.2
NLI106D151K_ _ _F
150
±10%
1KHz
0.50
1.0
NLI106D181K_ _ _F
180
±10%
1KHz
0.56
0.84
NLI106D221K_ _ _F
220
±10%
1KHz
0.78
0.76
NLI106D271K_ _ _F
270
±10%
1KHz
0.92
0.69
NLI106D331K_ _ _F
330
±10%
1KHz
1.1
0.62
NLI106D391K_ _ _F
390
±10%
1KHz
1.3
0.57
NLI106D471K_ _ _F
470
±10%
1KHz
1.5
0.52
NLI106D561K_ _ _F
560
±10%
1KHz
1.9
0.48
NLI106D681K_ _ _F
680
±10%
1KHz
2.2
0.43
NLI106D821K_ _ _F
820
±10%
1KHz
2.6
0.40
NLI106D102K_ _ _F
1000
±10%
1KHz
3.2
0.36
DC I maximum
Δ+40°C temperature rise, ΔL -10% max.
* Contact NIC for other tolerance options.
FOUR LEADS
CIRCUIT FOR ALL VALUES


Similar Part No. - NLI87D471KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI87D471K___F NIC-NLI87D471K___F Datasheet
146Kb / 14P
   NLI Radial Power Inductors
More results

Similar Description - NLI87D471KF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-P NIC-NLI-P Datasheet
100Kb / 5P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com