Electronic Components Datasheet Search |
|
NLI87D182KF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NLI87D182KF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 14 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com ® SPECIFICATIONS SUBJECT TO CHANGE NLI__D Series NLI Radial Power Inductors FEATURES • RADIAL LEADED POWER INDUCTOR • WIRE WOUND CONSTRUCTION • WIDE VALUE RANGE 10 μH ~ 47,000μH • AVAILABLE WITH HIGH TEMPERATURE SLEEVE • NINE CASE SIZES (5.2X6.5mm ~ 14.4X10.5mm) • AVAILABLE IN BULK OR TAPE & BOX PACKAGING TWO LEADED PARTS *See Part Number System for Details RoHS Compliant includes all homogeneous materials Case Code NLI106D NLI108D NLI110D Inductance Range ( μH) 10 μH ~ 1,000 μH 10 μH ~ 1,000 μH 10 μH ~ 1,000 μH Ambient Operating Temperature Range -20°C ~ +80°C Maximum Component Temperature (Ambient + Self-Heating) +120°C Temperature Rise at DCI +40°C Inductance Change at DCI -10% Inductance Tolerance K (±10%), M (±20%) Case Code NLI65D NLI66D NLI85D NLI87D NLI89D NLI114D Inductance Range 22 μH ~ 1,000 μH 22 μH ~ 1,000 μH 10 μH ~ 10,000 μH 10 μH ~ 10,000 μH 10 μH ~ 47,000 μH 6.3 μH ~ 39,000 μH Ambient Operating Temperature Range -20°C ~ +80°C Maximum Component Temperature (Ambient + Self-Heating) +120°C Temperature Rise at DCI +40°C Inductance Change at DCI -10% Inductance Tolerance K (±10%), M (±20%) FOUR LEADED PARTS NLI 66 D 220 K TB F RoHS Compliant TB = Optional Packaging Tape & Box (blank for bulk packaging)* Inductance Tolerance Code: J = ±5%, K = ±10%, M = ±20% Inductance Code ( μH): 1st two digits are significant, 3rd digit is multiplier for values from 10 μH and up. Construction Code (see drawing for details) Size Code (see table for details) Series PART NUMBER SYSTEM U U = Optional Black UL +125°C Sleeving (blank for no sleeving) *Optional Tape & Box packaging not available for case sizes 106, 108 and 110 |
Similar Part No. - NLI87D182KF |
|
Similar Description - NLI87D182KF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |