Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLI262P122K-F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NLI262P122K-F
Description  NLI Radial Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLI262P122K-F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NLI262P122K-F Datasheet HTML 1Page - NIC-Components Corp. NLI262P122K-F Datasheet HTML 2Page - NIC-Components Corp. NLI262P122K-F Datasheet HTML 3Page - NIC-Components Corp. NLI262P122K-F Datasheet HTML 4Page - NIC-Components Corp. NLI262P122K-F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NLI262P STANDARD VALUES (H = 21.5mm x D = 28.0mm)
Part Number
Inductance
(
μH)
Inductance
Tolerance*
DCR
(
Ω) max.
I sat
(A)
Suggested Rated AC
Current
(A)
NLI262P3R9M _ F
3.9
±20%
0.003
32
21
NLI262P4R7M _ F
4.7
±20%
0.003
29
21
NLI262P5R6M _ F
5.6
±20%
0.003
26
21
NLI262P6R8M _ F
6.8
±20%
0.004
24
21
NLI262P8R2M _ F
8.2
±20%
0.004
22
21
NLI262P100K _ F
10
±10%
0.006
20
17
NLI262P120K _ F
12
±10%
0.008
18
13.5
NLI262P150K _ F
15
±10%
0.009
16
13.5
NLI262P180K _ F
18
±10%
0.01
15
13.5
NLI262P220K _ F
22
±10%
0.011
13.5
13.5
NLI262P270K _ F
27
±10%
0.012
12
13.5
NLI262P330K _ F
33
±10%
0.017
11
13.5
NLI262P390K _ F
39
±10%
0.022
10
11.4
NLI262P470K _ F
47
±10%
0.024
9.2
9.0
NLI262P560K _ F
56
±10%
0.026
8.5
9.0
NLI262P680K _ F
68
±10%
0.029
7.6
9.0
NLI262P820K _ F
82
±10%
0.032
7.0
9.0
NLI262P101K _ F
100
±10%
0.034
6.5
9.0
NLI262P121K _ F
120
±10%
0.046
5.8
7.2
NLI262P151K _ F
150
±10%
0.064
5.2
5.5
NLI262P181K _ F
180
±10%
0.072
4.7
5.5
NLI262P221K _ F
220
±10%
0.08
4.3
5.5
NLI262P271K _ F
270
±10%
0.11
3.9
4.5
NLI262P331K _ F
330
±10%
0.122
3.5
4.5
NLI262P391K _ F
390
±10%
0.169
3.2
4.0
NLI262P471K _ F
470
±10%
0.187
2.9
4.0
NLI262P561K _ F
560
±10%
0.205
2.7
4.0
NLI262P681K _ F
680
±10%
0.256
2.4
2.8
NLI262P821K _ F
820
±10%
0.288
2.2
2.8
NLI262P102K _ F
1000
±10%
0.426
2.0
2.0
NLI262P122K _ F
1200
±10%
0.462
1.8
2.0
NLI262P152K _ F
1500
±10%
0.518
1.6
2.0
NLI262P182K _ F
1800
±10%
0.705
1.5
1.6
NLI262P222K _ F
2200
±10%
1.02
1.3
1.3
NLI262P272K _ F
2700
±10%
1.14
1.2
1.3
NLI262P332K _ F
3300
±10%
1.27
1.1
1.3
NLI262P392K _ F
3900
±10%
1.67
1.0
1.0
NLI262P472K _ F
4700
±10%
1.86
0.9
1.0
NLI__P Series
NLI Radial Power Inductors
Isat
ΔL -10% max., ΔT +25°C max.
* Contact NIC for other tolerance options.
_ Insert letter "U" if sleeving is required


Similar Part No. - NLI262P122K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI100C NIC-NLI100C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI100C100M___F NIC-NLI100C100M___F Datasheet
443Kb / 10P
   NLI Radial Power Inductors
More results

Similar Description - NLI262P122K-F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLI_P NIC-NLI_P Datasheet
95Kb / 5P
   NLI Radial Power Inductors
NLI_C NIC-NLI_C Datasheet
443Kb / 10P
   NLI Radial Power Inductors
NLI-H NIC-NLI-H Datasheet
106Kb / 3P
   NLI Radial Power Inductors
NLI_D NIC-NLI_D Datasheet
146Kb / 14P
   NLI Radial Power Inductors
NLI-C NIC-NLI-C Datasheet
125Kb / 10P
   NLI Radial Power Inductors
NLI-D NIC-NLI-D Datasheet
152Kb / 14P
   NLI Radial Power Inductors
NLI_H NIC-NLI_H Datasheet
101Kb / 3P
   NLI Radial Power Inductors
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com