Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB081Q100W Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # AB081Q100W
Description  High Power Single Bar QCW Infrared Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

AB081Q100W Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  AB081Q100W Datasheet HTML 1Page - Roithner LaserTechnik GmbH AB081Q100W Datasheet HTML 2Page - Roithner LaserTechnik GmbH AB081Q100W Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20.09.2010
AB081Q100W
1 of 3
AB081Q100W
TECHNICAL DATA
High Power Single Bar QCW Infrared Laser Diode
Features
Applications
• Output Power: 100 W
• 780-830 nm Emission Wavelength
• Spectral Width: ≤3 nm
• High Reliability, High Efficiency
• Laser Pumping
• Medical Usage
• Printing
Specifications (25°C)
Item
Symbol
Value
Unit
Optical Specifications
QCW Output Power
PO
100
W
Array Length
L
10
mm
Center Wavelength
λC
780-830
nm
Wavelength Tolerance
± 5
nm
Spectral Width
Δλ
≤ 3
nm
Emitting Area
W x H
80 x 1
µm
Emitter Pitch
100
µm
Number of Emitters
100
Wavelength Temperature Coefficient
0.3
nm/°C
Beam Divergence
θ×θ
40x8
deg
Electrical Specifications
Slope Efficiency
ES
≥ 1
W/A
Conversion Efficiency
NS
≥ 40%
Threshold Current
ITH
≤ 20
A
Operating Current
IF
≤ 100
A
Operating Voltage
UF
≤ 2
V
Absolute Maximum Ratings
Reverse Voltage
UR
2.5
V
Operating Temperature
TOP
+10 … +40
°C
Storage Temperature
TSTG
-40 ... +85
°C


Similar Part No. - AB081Q100W

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
AB081Q60W ROITHNER-AB081Q60W Datasheet
177Kb / 3P
   High Power Single Bar QCW Infrared Laser Diode
More results

Similar Description - AB081Q100W

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
AB081Q60W ROITHNER-AB081Q60W Datasheet
177Kb / 3P
   High Power Single Bar QCW Infrared Laser Diode
AB081C20W ROITHNER-AB081C20W Datasheet
189Kb / 3P
   High Power Single Bar CW Infrared Laser Diode
AB098C20W ROITHNER-AB098C20W Datasheet
144Kb / 2P
   High Power Single Bar CW Infrared Laser Diode
AB081C40W ROITHNER-AB081C40W Datasheet
177Kb / 3P
   High Power Single Bar CW Infrared Laser Diode
logo
Hamamatsu Corporation
L11398 HAMAMATSU-L11398_15 Datasheet
157Kb / 2P
   High-Power QCW Laser Diode Stack Module
L11396 HAMAMATSU-L11396_15 Datasheet
132Kb / 2P
   High-Power QCW Laser Diode Stack Module
logo
OSRAM GmbH
SPLMN81S9 OSRAM-SPLMN81S9 Datasheet
206Kb / 7P
   Passively Cooled Diode Laser Bar, 150 W qcw at 808 nm
logo
Hamamatsu Corporation
L8413 HAMAMATSU-L8413_15 Datasheet
110Kb / 2P
   High-power Laser Diode CW Single Bar Module
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com