Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI80CN10N-G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPI80CN10N-G
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI80CN10N-G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPI80CN10N-G Datasheet HTML 3Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 4Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 5Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 6Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 7Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 8Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 9Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 10Page - Infineon Technologies AG IPI80CN10N-G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IPB79CN10N G IPD78CN10N G
IPI80CN10N G IPP80CN10N G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 W
V GS=f(Q gate); I D=13 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20 V
50 V
80 V
0
2
4
6
8
10
12
0
2
4
6
8
10
Q
gate [nC]
90
95
100
105
110
115
-60
-20
20
60
100
140
180
T
j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
1
10
100
1000
t
AV [µs]
Rev. 1.091
page 7
2013-07-25


Similar Part No. - IPI80CN10N-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI80CN10N-G INFINEON-IPI80CN10N-G Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
More results

Similar Description - IPI80CN10N-G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com