Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP26020DMF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP26020DMF
Description  Industry smallest 1.5A transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMF Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP26020DMF Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMF Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra-Miniature Package
1.4mm x 1.1mm footprint; 78% smaller than SOT23
Excellent thermal performance
FR-4 PCB power rating of 0.38W on minimum copper foot print
Very low saturation voltage
Low voltage drop, reduced dissipation and heating. <70mV @ 0.5A
Good gain hold up
Low drive requirements for pulse applications. 200 min @ 2A
The Diodes’ Advantage
www.diodes.com
Diodes Incorporated has
introduced the ZXTN26020DMF;
the industry smallest 20V, 1.5A
rated NPN transistor. Coming
from the company’s latest GEN 5
matrix emitter Bipolar transistor
process the very low saturation
voltage enables this current
rating to be achieved.
The transistor is offered in the
1.4mm x 1.1mm leadless
DFN1411-3 package outline
providing power dissipation of
0.38W from a minimum copper
footprint.
Along with the complimentary
ZXTP26020DMF, these new
transistors offer solutions for
space constrained applications
requiring increased power
density or additional
functionality.
Typical functions performed by
these miniature transistors are
driving of MOSFETs in high
frequency DC-DC converters,
load disconnect switches in
portable products, regulators
circuits and external switches in
DC-DC converters.
For samples and quotations,
please contact your nearest
Diodes sales office or
representative.
New Product
Announcement
Industry smallest 1.5A transistor
ZXTN26020DMF
ZXTP26020DMF
Issue Number | 001
June 2010
Applications
MOSFET or IGBT gate driver
DC-DC conversion
High power density modules
Load disconnect switch
Low / High sided switching circuits


Similar Part No. - ZXTP26020DMF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP26020DMF DIODES-ZXTP26020DMF Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
ZXTP26020DMFTA DIODES-ZXTP26020DMFTA Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
DS32101 Rev. 1 - 2
ZXTP26020DMF DIODES-ZXTP26020DMF_15 Datasheet
119Kb / 6P
   20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
More results

Similar Description - ZXTP26020DMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXB1000 ETC-GXB1000 Datasheet
185Kb / 2P
   Industry?셲 Smallest GPS Receiver Module
logo
Vishay Siliconix
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G005 VISHAY-FX5545G005 Datasheet
209Kb / 4P
   Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
21-Jan-05
logo
Microchip Technology
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB333X MICROCHIP-USB333X Datasheet
1Mb / 85P
   Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
03/25/14
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
   The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411 Datasheet
836Kb / 2P
   Single Channel USB UART with Industry`s Smallest Package and Optimized Software Drivers
logo
Rohm
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com