Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN04120HKTC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN04120HKTC
Description  120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN04120HKTC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN04120HKTC Datasheet HTML 1Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 2Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 3Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 4Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 5Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 6Page - Diodes Incorporated ZXTN04120HKTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXTN04120HK
Document number: DS36554 Rev. 3 - 2
3 of 7
www.diodes.com
January 2014
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTN04120HK
Thermal Characteristics and Derating Information
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
1
10
100
10m
100m
1
1
10
100
10m
100m
1
T
amb=25°C
25mm x 25mm
1oz FR4
V
CE(sat)
Limit
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE Collector-Emitter Voltage (V)
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
50mm x 50mm
2oz FR4
25mm x 25mm
1oz FR4
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
T
amb=25°C
25mm x 25mm
1oz FR4
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
25mm x 25mm
1oz FR4
50mm x 50mm
2oz FR4
Safe Operating Area
Single Pulse
T
amb=25°C
Pulse Power Dissipation
Pulse Width (s)
D=0.1
D=0.05
Single Pulse
D=0.2
D=0.5
T
amb=25°C
50mm x 50mm
2oz FR4
Transient Thermal Impedance
Pulse Width (s)
T
amb=25°C
50mm x 50mm
2oz FR4
100µs
1ms
10ms
100ms
1s
DC
V
CE(sat)
Limit
V
CE Collector-Emitter Voltage (V)


Similar Part No. - ZXTN04120HKTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN04120HK DIODES-ZXTN04120HK_15 Datasheet
265Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
More results

Similar Description - ZXTN04120HKTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN04120HK DIODES-ZXTN04120HK_15 Datasheet
265Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN TO252
ZXTN04120HP5 DIODES-ZXTN04120HP5_15 Datasheet
285Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN POWERDI짰5
ZXTN04120HP5 DIODES-ZXTN04120HP5 Datasheet
285Kb / 7P
   120V NPN MEDIUM POWER DARLINGTON TRANSISTOR IN POWERDI짰5
logo
Zetex Semiconductors
ZXTN04120HFF ZETEX-ZXTN04120HFF Datasheet
442Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
ZXTN04120HFF DIODES-ZXTN04120HFF Datasheet
455Kb / 8P
   120V, SOT23F, NPN medium power Darlington transistor
DXT696BK DIODES-DXT696BK_15 Datasheet
456Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
DXT696BK DIODES-DXT696BK Datasheet
455Kb / 7P
   180V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN TO252
December 2013
FZT605 DIODES-FZT605_13 Datasheet
424Kb / 7P
   120V NPN DARLINGTON TRANSISTOR IN SOT223
2DB1184Q DIODES-2DB1184Q_15 Datasheet
348Kb / 6P
   50V PNP MEDIUM POWER TRANSISTOR IN TO252
2DB1182Q DIODES-2DB1182Q_15 Datasheet
479Kb / 6P
   32V PNP MEDIUM POWER TRANSISTOR IN TO252
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com