Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTEM322TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTEM322TA
Description  80V NPN LOW SATURATION TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTEM322TA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTEM322TA Datasheet HTML 1Page - Diodes Incorporated ZXTEM322TA Datasheet HTML 2Page - Diodes Incorporated ZXTEM322TA Datasheet HTML 3Page - Diodes Incorporated ZXTEM322TA Datasheet HTML 4Page - Diodes Incorporated ZXTEM322TA Datasheet HTML 5Page - Diodes Incorporated ZXTEM322TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTEM322
SEMICO NDUC TORS
ISSUE 2 - JUNE 2006
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-Base Breakdown Voltage
V(BR)CBO
100
180
V
IC=100 A
Collector-Emitter Breakdown Voltage
V(BR)CEO
80
110
V
IC=10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO
7.5
8.2
V
IE=100 A
Collector Cut-Off Current
ICBO
25
nA
VCB=80V
Emitter Cut-Off Current
IEBO
25
nA
VEB=6V
Collector Emitter Cut-Off Current
ICES
25
nA
VCE=65V
Collector-Emitter Saturation Voltage
VCE(sat)
15
45
145
160
240
20
60
185
200
325
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=0.5A, IB=50mA*
IC=1A, IB=20mA*
IC=1.5A, IB=50mA*
IC=3.5A, IB=300mA*
Base-Emitter Saturation Voltage
VBE(sat)
1.09
1.175
V
IC=3.5A, IB=300mA*
Base-Emitter Turn-On Voltage
VBE(on)
0.96
1.05
V
IC=3.5A, VCE=2V*
Static Forward Current Transfer Ratio
hFE
200
300
110
60
20
450
450
170
90
30
10
900
IC=10mA, VCE=2V*
IC=200mA, VCE=2V*
IC=1A, VCE=2V*
IC=1.5A, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
Transition Frequency
fT
100
160
MHz IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
11.5
18
pF
VCB=10A, f=1MHz
Turn-On Time
t(on)
86
ns
VCC=10V, IC=1A
IB1=IB2=25mA
Turn-Off Time
t(off)
1128
ns
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
*Measured under pulsed conditions. Pulse width=300 s. Duty cycle
2%
OBSOLETE - PLEASE USE ZXTN620MA


Similar Part No. - ZXTEM322TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322TA ZETEX-ZXTEM322TA Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTEM322TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN620MA DIODES-ZXTN620MA Datasheet
162Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
ZXTN620MA DIODES-ZXTN620MA_15 Datasheet
164Kb / 7P
   80V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
   SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
   SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT620 DIODES-FMMT620 Datasheet
208Kb / 7P
   80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com