Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDE4M832TA Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXTDE4M832TA
Description  DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTDE4M832TA Datasheet(HTML) 8 Page - Diodes Incorporated

  ZXTDE4M832TA Datasheet HTML 1Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 2Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 3Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 4Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 5Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 6Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 7Page - Diodes Incorporated ZXTDE4M832TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ZXTDE4M832
8
ISSUE 1 - JUNE 2002
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uksales@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX. CONVERTED DIMENSIONS IN INCHES
MLP832 PACKAGE OUTLINE (3mm x 2mm Micro Leaded Package)
DIM
MILLIMETRES
INCHES
DIM
MILLIMETRES
INCHES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
0.80
1.00
0.031
0.039
e
0.65 REF
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0255
0.0295
E2
0.43
0.63
0.017
0.0249
A3
0.15
0.25
0.006
0.0098
E4
0.16
0.36
0.006
0.014
b
0.24
0.34
0.009
0.013
L
0.20
0.45
0.0078
0.0157
b1
0.17
0.30
0.0066
0.0118
L2
0.125
0.00
0.005
D
3.00 BSC
0.118 BSC
r
0.075 BSC
0.0029 BSC
D2
0.82
1.02
0.032
0.040
0
12
0
12
D3
1.01
1.21
0.0397
0.0476
MLP832 PACKAGE DIMENSIONS
OBSOLETE - PLEASE USE ZXTC6720MC


Similar Part No. - ZXTDE4M832TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDE4M832TA ZETEX-ZXTDE4M832TA Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
More results

Similar Description - ZXTDE4M832TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6720MC DIODES-ZXTC6720MC_15 Datasheet
235Kb / 9P
   DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
   70V PNP LOW SATURATION TRANSISTOR
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTC6719MC DIODES-ZXTC6719MC_15 Datasheet
225Kb / 9P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com