Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDBM832 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTDBM832
Description  DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTDBM832 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTDBM832 Datasheet HTML 1Page - Diodes Incorporated ZXTDBM832 Datasheet HTML 2Page - Diodes Incorporated ZXTDBM832 Datasheet HTML 3Page - Diodes Incorporated ZXTDBM832 Datasheet HTML 4Page - Diodes Incorporated ZXTDBM832 Datasheet HTML 5Page - Diodes Incorporated ZXTDBM832 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTDBM832
ISSUE 1 - JUNE 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(f)
RθJA
83.3
°C/W
Junction to Ambient (b)(f)
RθJA
51
°C/W
Junction to Ambient (c)(f)
RθJA
125
°C/W
Junction to Ambient (d)(f)
RθJA
111
°C/W
Junction to Ambient (d)(g)
RθJA
73.5
°C/W
Junction to Ambient (e)(g)
RθJA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm
wide tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 500mW.
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
7.5
V
Peak Pulse Current
ICM
12
A
Continuous Collector Current (a)(f)
IC
4.5
A
Continuous Collector Current (b)(f)
IC
5A
Base Current
IB
1000
mA
Power Dissipation at TA=25°C (a)(f)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C (b)(f)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C (c)(f)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (d)(f)
Linear Derating Factor
PD
1.13
9
W
mW/°C
Power Dissipation at TA=25°C (d)(g)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
Power Dissipation at TA=25°C (e)(g)
Linear Derating Factor
PD
3
24
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
OBSOLETE - PLEASE USE ZXTD618MC


Similar Part No. - ZXTDBM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDBM832 ZETEX-ZXTDBM832 Datasheet
224Kb / 6P
   MPPS-TM Miniature Package Power Solutions DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXTDBM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12N20DX ZETEX-ZXT12N20DX Datasheet
259Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N20DX DIODES-ZXT12N20DX Datasheet
270Kb / 6P
   DUAL 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N20DE6 ZETEX-ZXT13N20DE6 Datasheet
432Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 ZETEX-ZXT10N20DE6 Datasheet
230Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX ZETEX-ZXT14N20DX Datasheet
262Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13N20DE6 DIODES-ZXT13N20DE6 Datasheet
442Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N20DX DIODES-ZXT14N20DX Datasheet
267Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6 Datasheet
243Kb / 6P
   20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com