Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDB2M832TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXTDB2M832TA
Description  COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTDB2M832TA Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXTDB2M832TA Datasheet HTML 1Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 2Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 3Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 4Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 5Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 6Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 7Page - Diodes Incorporated ZXTDB2M832TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTDB2M832
ISSUE 2 - JUNE 2002
7
1m
10m
100m
1
10
10m
100m
1
1m
10m
100m
1
10
0.00
0.05
0.10
0.15
0.20
0.25
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
0
90
180
270
360
450
540
630
V
CE(SAT) vIC
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT) vIC
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE vIC
V
CE
=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT) vIC
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON) vIC
V
CE
=2V
100°C
25°C
-55°C
I
C
Collector Current (A)
PNP CHARACTERISTICS
OBSOLETE - PLEASE USE ZXTC6718MC


Similar Part No. - ZXTDB2M832TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDB2M832TA ZETEX-ZXTDB2M832TA Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTDB2M832TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDB2M832 ZETEX-ZXTDB2M832 Datasheet
264Kb / 8P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
   COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
ZXTC6718MC DIODES-ZXTC6718MC_15 Datasheet
231Kb / 9P
   COMPLEMENTARY 20V LOW SATURATION TRANSISTORS
ZXTD618MC DIODES-ZXTD618MC Datasheet
190Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD718MC DIODES-ZXTD718MC_15 Datasheet
195Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD2M832 DIODES-ZXTD2M832 Datasheet
396Kb / 6P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD618MC DIODES-ZXTD618MC_15 Datasheet
228Kb / 7P
   DUAL 20V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXTN618MA DIODES-ZXTN618MA_15 Datasheet
166Kb / 7P
   20V NPN LOW SATURATION TRANSISTOR
DSS5220T DIODES-DSS5220T Datasheet
496Kb / 7P
   20V PNP LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com