Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDAM832TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTDAM832TC
Description  DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTDAM832TC Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTDAM832TC Datasheet HTML 1Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 2Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 3Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 4Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 5Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTDAM832
6
ISSUE 1 - JUNE 2002
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4422
Fax: (44) 161 622 4420
uksales@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY11788
USA
Telephone: (631) 360 2222
Fax: (631) 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza, Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2002
CONTROLLING DIMENSIONS IN MILLIMETRES
APPROX. CONVERTED DIMENSIONS IN INCHES
MLP832 PACKAGE OUTLINE (3mm x 2mm Micro Leaded Package)
DIM
MILLIMETRES
INCHES
DIM
MILLIMETRES
INCHES
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
0.80
1.00
0.031
0.039
e
0.65 REF
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0255
0.0295
E2
0.43
0.63
0.017
0.0249
A3
0.15
0.25
0.006
0.0098
E4
0.16
0.36
0.006
0.014
b
0.24
0.34
0.009
0.013
L
0.20
0.45
0.0078
0.0157
b1
0.17
0.30
0.0066
0.0118
L2
0.125
0.00
0.005
D
3.00 BSC
0.118 BSC
r
0.075 BSC
0.0029 BSC
D2
0.82
1.02
0.032
0.040
0
12
0
12
MLP832 PACKAGE DIMENSIONS
OBSOLETE - PLEASE USE ZXTD617MC


Similar Part No. - ZXTDAM832TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTDAM832TC ZETEX-ZXTDAM832TC Datasheet
216Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXTDAM832TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13N15DE6 DIODES-ZXT13N15DE6 Datasheet
440Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N15DE6 ZETEX-ZXT13N15DE6 Datasheet
429Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N15DE6 ZETEX-ZXT10N15DE6 Datasheet
229Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N15DE6 DIODES-ZXT10N15DE6 Datasheet
242Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
   15V NPN LOW SATURATION TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTD617MC DIODES-ZXTD617MC_15 Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXTD617MC DIODES-ZXTD617MC Datasheet
198Kb / 7P
   DUAL 15V NPN LOW SATURATION TRANSISTORS
ZXT11N15DF DIODES-ZXT11N15DF Datasheet
422Kb / 6P
   15V NPN SILICON LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com