Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTAM322TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTAM322TC
Description  15V NPN LOW SATURATION TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTAM322TC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTAM322TC Datasheet HTML 1Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 2Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 3Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 4Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 5Page - Diodes Incorporated ZXTAM322TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ZXTAM322
ISSUE 2 - JUNE 2002
5
1m
10m
100m
1
10
1m
10m
100m
1
1m
10m
100m
1
10
0.00
0.05
0.10
0.15
0.20
0.25
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
10
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
0
90
180
270
360
450
540
630
V
CE(SAT) vIC
Tamb=25°C
I
C
/I
B
=100
I
C
/I
B
=50
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT) vIC
I
C
/I
B
=50
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE vIC
V
CE
=2V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT) vIC
I
C
/I
B
=50
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON) vIC
V
CE
=2V
100°C
25°C
-55°C
I
C
Collector Current (A)
TYPICAL CHARACTERISTICS
OBSOLETE - PLEASE USE ZXTN617MA


Similar Part No. - ZXTAM322TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTAM322TC ZETEX-ZXTAM322TC Datasheet
180Kb / 6P
   MPPS Miniature Package Power Solutions 15V NPN LOW SATURATION TRANSISTOR
More results

Similar Description - ZXTAM322TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR
ZXT11N15DF DIODES-ZXT11N15DF Datasheet
422Kb / 6P
   15V NPN SILICON LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXT11N15DF ZETEX-ZXT11N15DF Datasheet
412Kb / 6P
   15V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
   DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13N15DE6 DIODES-ZXT13N15DE6 Datasheet
440Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT13N15DE6 ZETEX-ZXT13N15DE6 Datasheet
429Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10N15DE6 ZETEX-ZXT10N15DE6 Datasheet
229Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N15DE6 DIODES-ZXT10N15DE6 Datasheet
242Kb / 6P
   15V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
FMMT617TC DIODES-FMMT617TC Datasheet
951Kb / 7P
   15V NPN LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com