Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9010PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFR9010PBF
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFR9010PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFR9010PBF Datasheet HTML 1Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 2Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 3Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 4Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 5Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 6Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 7Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 8Page - Vishay Siliconix IRFR9010PBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR9010, IRFU9010, SiHFR9010, SiHFU9010
www.vishay.com
Vishay Siliconix
S13-0167-Rev. D, 04-Feb-13
1
Document Number: 91378
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Surface
Mountable
(Order
as
IRFR9010,
SiHFR9010)
• Straight Lead Option (Order as IRFU9010,
SiHFU9010)
• Repetitive Avalanche Ratings
• Dynamic dV/dt Rating
• Simple Drive Requirements
• Ease of Paralleling
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The power MOSFET technology is the key to Vishay’s
advanced line of power MOSFET transistors. The efficient
geometry and unique processing of this latest “State of the
Art”
design
achieves:
very
low
on-state
resistance
combined with high transconductance; superior reverse
energy and diode recovery dV/dt capability.
The power MOSFET transistors also feature all of the well
established advantages of MOSFETs such as voltage
control, very fast switching, ease of paralleling and
temperature stability of the electrical parameters.
Surface mount packages enhance circuit performance by
reducing stray inductances and capacitance. The DPAK
(TO-252) surface mount package brings the advantages of
power MOSFETs to high volume applications where PC
Board surface mounting is desirable. The surface mount
option IRFR9010, SiHFR9010 is provided on 16 mm tape.
The straight lead option IRFU9010, SiHFU9010 of the device
is called the IPAK (TO-251).
They are well suited for applications where limited heat
dissipation is required such as, computers and peripherals,
telecommunication equipment, DC/DC converters, and a
wide range of consumer products.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 14).
b. VDD = - 25 V, starting TJ = 25 °C, L = 9.7 mH, Rg = 25 , peak IL = - 5.3 A.
c. ISD  - 5.3 A, dI/dt  - 80 A/μs, VDD  40 V, TJ  150 °C, suggested Rg = 24 .
d. 0.063" (1.6 mm) from case.
PRODUCT SUMMARY
VDS (V)
- 50
RDS(on) ()VGS = - 10 V
0.50
Qg (Max.) (nC)
9.1
Qgs (nC)
3.0
Qgd (nC)
5.9
Configuration
Single
S
G
D
P-Channel MOSFET
DPAK
(TO-252)
IPAK
(TO-251)
G
D S
S
D
G
D
ORDERING INFORMATION
Package
DPAK (TO-252)
DPAK (TO-252)
DPAK (TO-252)
IPAK (TO-251)
Lead (Pb)-free and Halogen-free
SiHFR9010-GE3
SiHFR9010TR-GE3a
SiHFR9010TRL-GE3a
SiHFU9010-GE3
Lead (Pb)-free
IRFR9010PbF
IRFR9010TRPbFa
IRFR9010TRLPbFa
IRFU9010PbF
SiHFR9010-E3
SiHFR9010T-E3a
SiHFR9010TL-E3a
SiHFU9010-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
- 50
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at - 10 V
TC = 25 °C
ID
- 5.3
A
TC = 100 °C
- 3.3
Pulsed Drain Currenta
IDM
- 21
Linear Derating Factor
0.20
W/°C
Single Pulse Avalanche Energyb
EAS
136
mJ
Repetitive Avalanche Currenta
IAR
- 5.3
A
Repetitive Avalanche Energya
EAR
2.5
mJ
Maximum Power Dissipation
TC = 25 °C
PD
25
W
Peak Diode Recovery dV/dtc
dV/dt
5.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300


Similar Part No. - IRFR9010PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9010PBF VISHAY-IRFR9010PBF Datasheet
1Mb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR9010PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com