Electronic Components Datasheet Search |
|
K246 Datasheet(PDF) 1 Page - Fuji Electric |
|
K246 Datasheet(HTML) 1 Page - Fuji Electric |
1 / 2 page 2SK2469-01MR N-channel MOS-FET FAP-II Series 300V 1Ω 5A 30W > Features > Outline Drawing - High Speed Switching - Low On-Resistance - No Secondary Breakdown - Low Driving Power - High Voltage - VGS = ± 30V Guarantee - Avalanche Proof > Applications - Switching Regulators - UPS - DC-DC converters - General Purpose Power Amplifier > Maximum Ratings and Characteristics > Equivalent Circuit - Absolute Maximum Ratings (TC=25°C), unless otherwise specified Item Symbol Rating Unit Drain-Source-Voltage V DS 300 V Drain-Gate-Voltage(RGS=20K Ω) V DGR 300 V Continous Drain Current I D 5 A Pulsed Drain Current I D(puls) 20 A Gate-Source-Voltage V GS ±30 V Max. Power Dissipation P D 30 W Operating and Storage Temperature Range T ch 150 °C T stg -55 ~ +150 °C - Electrical Characteristics (TC=25°C), unless otherwise specified Item Symbol Test conditions Min. Typ. Max. Unit Drain-Source Breakdown-Voltage V (BR)DSS ID=1mA VGS=0V 300 V Gate Threshhold Voltage V GS(th) ID=1mA VDS=VGS 3,5 4,0 4,5 V Zero Gate Voltage Drain Current I DSS VDS=300V Tch=25°C 10 500 µA VGS=0V Tch=125°C 0,2 1,0 mA Gate Source Leakage Current I GSS VGS=±30V VDS=0V 10 100 nA Drain Source On-State Resistance R DS(on) ID=2,5A VGS=10V 0,6 1,0 Ω Forward Transconductance g fs ID=2,5A VDS=25V 1,5 3 S Input Capacitance C iss VDS=25V 500 750 pF Output Capacitance C oss VGS=0V 120 180 pF Reverse Transfer Capacitance C rss f=1MHz 60 90 pF Turn-On-Time ton (ton=td(on)+tr) t d(on) VCC=150V 10 15 ns t r ID=5A 20 30 ns Turn-Off-Time toff (ton=td(off)+tf) t d(off) VGS=10V 30 45 ns t f RGS=10 Ω 15 25 ns Avalanche Capability I AV L=100µH Tch=25°C 5 A Diode Forward On-Voltage V SD IF=2xIDR VGS=0V Tch=25°C 1,1 1,7 V Reverse Recovery Time t rr IF=IDR VGS=0V 180 ns Reverse Recovery Charge Q rr -dIF/dt=100A/µs Tch=25°C 1,5 µC - Thermal Characteristics Item Symbol Test conditions Min. Typ. Max. Unit Thermal Resistance R th(ch-a) channel to air 62,5 °C/W R th(ch-c) channel to case 4,17 °C/W |
Similar Part No. - K246 |
|
Similar Description - K246 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |