Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC6.0 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SAC6.0
Description  Low Capacitance TRANSZORB Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SAC6.0 Datasheet(HTML) 1 Page - Vishay Siliconix

  SAC6.0 Datasheet HTML 1Page - Vishay Siliconix SAC6.0 Datasheet HTML 2Page - Vishay Siliconix SAC6.0 Datasheet HTML 3Page - Vishay Siliconix SAC6.0 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAC5.0 thru SAC50
www.vishay.com
Vishay General Semiconductor
Revision: 18-Nov-13
1
Document Number: 88379
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Capacitance TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• 500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant and commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
Note
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
PRIMARY CHARACTERISTICS
VWM
5.0 V to 50 V
VBR
7.6 V to 55.5 V
PPPM
500 W
PD
3.0 W
TJ max.
175 °C
Polarity
Uni-directional
Package
DO-204AC (DO-15)
DO-204AC (DO-15)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (1)
PPPM
500
W
Peak pulse current with a 10/1000 μs waveform (fig. 3) (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (fig. 2)
PD
3.0
W
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SAC6.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC6.0 EIC-SAC6.0 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC6.0 MERITEK-SAC6.0 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
SAC6.0 NJSEMI-SAC6.0 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SAC6.0 WEITRON-SAC6.0 Datasheet
101Kb / 3P
   Low Capacitance Tranient Voltage Suppressor
logo
Micro Commercial Compon...
SAC6.0 MCC-SAC6.0 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC6.0

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
   LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SAC50 VISHAY-SAC50 Datasheet
97Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 22-Nov-11
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com